Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47A1 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP47A1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47A1 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP47A1 Datasheet HTML 17Page - Microchip Technology MCP47A1 Datasheet HTML 18Page - Microchip Technology MCP47A1 Datasheet HTML 19Page - Microchip Technology MCP47A1 Datasheet HTML 20Page - Microchip Technology MCP47A1 Datasheet HTML 21Page - Microchip Technology MCP47A1 Datasheet HTML 22Page - Microchip Technology MCP47A1 Datasheet HTML 23Page - Microchip Technology MCP47A1 Datasheet HTML 24Page - Microchip Technology MCP47A1 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 21
MCP47A1
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-40:
Digital Feedthrough
(SCL signal coupling to VOUT pin);
VDD = 5.0V, VREF = 5.0V, FSCL = 100 kHz,
VOUT = 20h (VOUT Voltage Scale = 20 mV/div,
Time scale = 2 µs / div).
2.1
Test Circuit
FIGURE 2-41:
-3 db Gain vs. Frequency
Test.
+
-
VOUT
1.0V DC
VREF
W
VIN
4.0V
(peak to
peak)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com