Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 9Page - Microchip Technology MCP47DA1 Datasheet HTML 10Page - Microchip Technology MCP47DA1 Datasheet HTML 11Page - Microchip Technology MCP47DA1 Datasheet HTML 12Page - Microchip Technology MCP47DA1 Datasheet HTML 13Page - Microchip Technology MCP47DA1 Datasheet HTML 14Page - Microchip Technology MCP47DA1 Datasheet HTML 15Page - Microchip Technology MCP47DA1 Datasheet HTML 16Page - Microchip Technology MCP47DA1 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 13
MCP47A1
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-9:
Full Scale Error (FSE) vs.
Temperature.
VDD = 5.5V, VREF = 5.5V, 2.7V, 1.8V, and 1.0V.
FIGURE 2-10:
Full Scale Error (FSE) vs.
Temperature.
VDD = 2.7V, VREF = 2.7V, 1.8V, and 1.0V.
FIGURE 2-11:
Full Scale Error (FSE) vs.
Temperature.
VDD = 2.0V, VREF = 2.0V, 1.8V, and 1.0V.
FIGURE 2-12:
Full Scale Error (FSE) vs.
Temperature.
VDD = 1.8V, VREF = 1.6V, and 1.0V.
0.60
0.40
0.20
0.00
When V
=V
1.00
0.80
40
20
0
20
40
60
80
100
120
Temperature (°C)
FSE 5.5V
FSE 2.7V
FSE 1.8V
FSE 1.0V
When VREF = VDD
Typical Device
0.60
0.40
0.20
0.00
1.00
0.80
40
20
0
20
40
60
80
100
120
Temperature (°C)
FSE 2.7V
FSE 1.8V
FSE 1.0V
WhenVREF = VDD
Typical Device
1.00
0.80
0.60
0.40
0.20
0.00
1.60
1.40
1.20
40
20
0
20
40
60
80
100
120
Temperature (°C)
FSE 2.0V
FSE 1.8V
FSE 1.0V
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.
3.00
2.00
1.00
0.00
5.00
4.00
40
20
0
20
40
60
80
100
120
Temperature (°C)
FSE 1.6V
FSE 1.0V
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com