Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB01 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP48CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB01 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP48CVB01 Datasheet HTML 41Page - Microchip Technology MCP48CVB01 Datasheet HTML 42Page - Microchip Technology MCP48CVB01 Datasheet HTML 43Page - Microchip Technology MCP48CVB01 Datasheet HTML 44Page - Microchip Technology MCP48CVB01 Datasheet HTML 45Page - Microchip Technology MCP48CVB01 Datasheet HTML 46Page - Microchip Technology MCP48CVB01 Datasheet HTML 47Page - Microchip Technology MCP48CVB01 Datasheet HTML 48Page - Microchip Technology MCP48CVB01 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 45
MCP48CXBXX
4.1.2
BROWN-OUT RESET
A Brown-out Reset occurs when a device had power
applied to it and that power (voltage) drops below the
specified range.
When the falling VDD voltage crosses the VPOR trip
point (BOR event), the following occurs:
• Serial Interface is disabled.
• MTP Writes are disabled.
• Device is forced into a Power-Down state
(PDxB:PDxA = ‘11’). Analog circuitry is turned off.
• Volatile DAC register is forced to 000h.
Volatile configuration bits VRxB:VRxA and GX are
forced to ‘0’.
If the VDD voltage decreases below the VRAM voltage,
all volatile memory may become corrupted.
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset” for further
details.
Serial commands not completed due to a brown-out
condition may cause the memory location to become
corrupted.
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
4.2
Device Memory
User memory includes the following types:
• Volatile Register Memory (RAM)
• Nonvolatile Register Memory (MTP)
MTP memory is present just for the MCP48CMBXX
devices and has three groupings:
• NV DAC Output Values (loaded on POR event)
• Device Configuration Memory
• General Purpose NV Memory
Each memory location is up to 16 bits wide. The
memory mapped register space is shown in Table 4-1.
The SPI interface depends on how this memory is read
and written. Refer to Section 6.0 “SPI Serial Interface
Module” and Section 7.0 “Device Commands” for
more details on reading and writing the device’s
memory.
4.2.1
VOLATILE REGISTER MEMORY
(RAM)
The MCP48CXBXX devices have volatile memory to
directly control the operation of the DACs. There are
up to five volatile memory locations:
• DAC0 and DAC1 Output Value registers
•VREF Select register
• Power-Down Configuration register
• Gain and Status register
The volatile memory starts functioning when the
device VDD is at (or above) the RAM retention voltage
(VRAM). The volatile memory will be loaded with the
default device values when the VDD rises across the
VPOR/VBOR voltage trip point.
After the device is powered-up, the user can update
the device memory. Table 4-2 shows the volatile
memory locations and their interaction due to a POR
event.
4.2.2
NONVOLATILE REGISTER
MEMORY (MTP)
This memory option is available only for the
MCP48CMBXX devices.
MTP memory starts functioning below the device’s
VPOR/VBOR trip point and, once the VPOR event
occurs, the volatile memory registers are loaded with
the corresponding MTP register memory values.
Memory addresses 0Ch through 1Fh are nonvolatile
memory locations. These locations contain the DAC
POR/BOR Wiper values, the DAC POR/BOR
configuration bits and 8 general purpose memory
locations for storing user-defined data as calibration
constants or identification numbers.
The nonvolatile wiper registers and configuration bits
determine the DAC Output and Configuration values at
the POR event.
These nonvolatile values will overwrite the factory
default values. If these MTP
addresses are
unprogrammed, the factory default values define the
output state.
The nonvolatile DAC registers enable the standalone
operation of the device (without microcontroller
control), after being programmed to the desired
values.
To
program
nonvolatile
memory
locations,
a
high-voltage source on the LAT/HVC pin is required.
Each register/MTP location can be programmed 32
times. After 32 writes, a new write operation will not be
possible and the last successful value written will
remain associated with the memory location.
The device starts writing the MTP memory cells at the
completion of the serial interface command. The high
voltage should remain present on the LAT/HVC pin
until the write cycle is complete; otherwise, the write is
unsuccessful and the location is compromised (cannot
be used again and the number of available writes
decreases by one).
To recover from an aborted MTP write operation, the
following procedure must be used:
• Write any valid value to the same address again
• Force a POR condition
• Write the desired value to the MTP location again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com