Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB01 Datasheet(PDF) 103 Page - Microchip Technology

Part # MCP48CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB01 Datasheet(HTML) 103 Page - Microchip Technology

Back Button MCP48CVB01 Datasheet HTML 98Page - Microchip Technology MCP48CVB01 Datasheet HTML 99Page - Microchip Technology MCP48CVB01 Datasheet HTML 100Page - Microchip Technology MCP48CVB01 Datasheet HTML 101Page - Microchip Technology MCP48CVB01 Datasheet HTML 102Page - Microchip Technology MCP48CVB01 Datasheet HTML 103Page - Microchip Technology MCP48CVB01 Datasheet HTML 104Page - Microchip Technology MCP48CVB01 Datasheet HTML 105Page - Microchip Technology MCP48CVB01 Datasheet HTML 106Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 103
MCP48CXBXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP48CXBXX: 1 LSb INL Voltage Output Digital-to-Analog
Converters, with SPI Interface,
8/10/12-bit Resolution, Single/Dual Outputs
and Volatile/MTP Memory
Tape and Reel:
T
=
Tape and Reel
Temperature
Range:
E
=
-40°C to +125°C (Extended)
Package:
MF =
Plastic Dual Flat, No Lead Package (DFN),
3 x 3 x 0.9 mm, 10-Lead
MG =
Plastic Quad Flat, No Lead Package (QFN),
3 x 3 x 0.9 mm, 16-Lead
UN =
Plastic Micro Small Outline Package (MSOP),
10-Lead
Examples:
a) MCP48CVB01-E/MF:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
8-bit
Resolution,
Extended
Temperature, 10LD DFN, with
volatile memory.
b) MCP48CVB01T-E/MF:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
8-bit Resolution, Tape and
Reel, Extended Temperature,
10LD
DFN,
with
volatile
memory
a) MCP48CVB12-E/MG:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
10-bit Resolution, Extended
Temperature, 16LD QFN, with
volatile memory.
b) MCP48CVB12T-E/MG:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
10-bit Resolution, Tape and
Reel, Extended Temperature,
16LD
QFN,
with
volatile
memory.
a) MCP48CMB21-E/UN:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
12-bit Resolution, Extended
Temperature, 10LD MSOP,
with nonvolatile memory.
b) MCP48CMB21T-E/UN:
1 LSb
INL
Voltage
Output
Digital-to-Analog Converter,
12-bit Resolution, Tape and
Reel, Extended Temperature,
10LD MSOP, with nonvolatile
memory.
PART NO.
X
Temperature
Range
Device
/XX
Package
X (1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com