Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CVB02 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP48CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB02 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP48CVB02 Datasheet HTML 65Page - Microchip Technology MCP48CVB02 Datasheet HTML 66Page - Microchip Technology MCP48CVB02 Datasheet HTML 67Page - Microchip Technology MCP48CVB02 Datasheet HTML 68Page - Microchip Technology MCP48CVB02 Datasheet HTML 69Page - Microchip Technology MCP48CVB02 Datasheet HTML 70Page - Microchip Technology MCP48CVB02 Datasheet HTML 71Page - Microchip Technology MCP48CVB02 Datasheet HTML 72Page - Microchip Technology MCP48CVB02 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 69
MCP48CXBXX
7.0
DEVICE COMMANDS
The MCP48CXBXX’s SPI command format supports
32 memory address locations and two commands.
The command may have two modes. These are:
• Normal Serial Commands
• MTP Programming (HV) Serial Commands
Normal serial commands are those where the HVC pin
is driven to either VIH or VIL. With High-Voltage Serial
commands, the HVC pin is driven to 7.5V. These
commands are shown in Table 7-1.
Table 7-2 shows an overview of all the SPI commands
and their interaction with other device features.
The 24-bit commands (Read Command and Write
Command) contain a Command Byte and a Data
Word. The Command Byte contains one reserved bit,
see Figure 7-1.
TABLE 7-1:
COMMAND BITS OVERVIEW
FIGURE 7-1:
24-bit SPI Command Format.
Bit States
C1:C0
Command
# of
Bits
Normal or HV
11
Read Data
24-Bits Normal only(1)
00
Write Data
24-Bits
Both
01
Reserved
—
—
10
Reserved
—
—
Note 1: Reading from the NV memory locations
will return the shadow RAM value of the
NV memory, not the NV memory contents.
Once a write cycle starts, no other com-
mands accessing NV memory locations
are allowed.
Command Byte
Data Word (2 bytes)
Legend:
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
AD
n
Memory Address
C
n
Command Bits
D
nn
Data Bits
X Reserved
TABLE 7-2:
SPI COMMANDS - NUMBER OF CLOCKS
Command
# of Bit
Clocks(2)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
Mode (1)
C1 C0
HV
(4,7)
1MHz
10 MHz
50 MHz
Write Command(3,6)
00
Y
Single
24
41,666
416,666
2,083,333
00
N
Continuous
24 * n
41,666
416,666
2,083,333 For 10 data words
Read Command(5)
11
N
Random
24
41,666
416,666
2,083,333
11
N
Continuous
24 * n
41,666
416,666
2,083,333 For 10 data words
Note 1:
Nonvolatile registers can only use the Single mode.
2: “n” indicates the number of times the command operation is to be repeated.
3: The registers are updated after the 24th clock bit or after the CS rising, depending on mode.
4: If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition (CMDERR)
will NOT be generated.
5: This command is useful to determine when an MTP programming cycle has completed.
6: This command can be either normal voltage or high voltage.
7: The MTP write cycle starts after the CS rising edge. A High-Voltage command requires the HVC pin to be at
VIHH for the entire command, until the completion of the MTP write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com