Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FEB21 Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP47FEB21
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FEB21 Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP47FEB21 Datasheet HTML 67Page - Microchip Technology MCP47FEB21 Datasheet HTML 68Page - Microchip Technology MCP47FEB21 Datasheet HTML 69Page - Microchip Technology MCP47FEB21 Datasheet HTML 70Page - Microchip Technology MCP47FEB21 Datasheet HTML 71Page - Microchip Technology MCP47FEB21 Datasheet HTML 72Page - Microchip Technology MCP47FEB21 Datasheet HTML 73Page - Microchip Technology MCP47FEB21 Datasheet HTML 74Page - Microchip Technology MCP47FEB21 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 71
MCP47FVBXX
9.0
DEVELOPMENT SUPPORT
Development support can be classified into two groups.
These are:
• Development Tools
• Technical Documentation
9.1
Development Tools
Several development tools are available to assist in your
design and evaluation of the MCP47FVBXX devices.
The currently available tools are shown in Table 9-1.
Figure 9-1 shows how the TSSOP20EV bond-out PCB
can be populated to easily evaluate the MCP47FVBXX
devices. The 8-pin and 20-pin TSSOP packages have
the same pin pitch (0.65 mm BSC) and package width
(4.40 mm typ.), and the 8-pin TSSOP package can be
placed on the 20-pin TSSOP footprint. Device evalua-
tion can use the PICkit™ Serial Analyzer to control the
DAC output registers and state of the configuration,
control and status register.
The TSSOP20EV boards may be purchased directly
from the Microchip web site at www.microchip.com.
9.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical documents include Application Notes,
Technical Briefs, and Design Guides. Table 9-2 lists
some of these documents.
TABLE 9-1:
DEVELOPMENT TOOLS (Note 1)
Board Name
Part #
Comment
20-Pin TSSOP and SSOP Evaluation Board TSSOP20EV Most Flexible option - Recommended Bond-out PCB
14-Pin SOIC/TSSOP/DIP Evaluation Board
SOIC14EV
SOIC-8 Evaluation Board
SOIC8EV
Note 1:
Supports the PICkit™ Serial Analyzer. See the User’s Guide for additional information and requirements.
TABLE 9-2:
TECHNICAL DOCUMENTATION
Application
Note Number
Title
Literature #
AN1326
Using the MCP4728 12-Bit DAC for LDMOS Amplifier Bias Control Applications
DS01326
—
Signal Chain Design Guide
DS21825
—
Analog Solutions for Automotive Applications Design Guide
DS01005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com