Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FEB01 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP48FEB01
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FEB01 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP48FEB01 Datasheet HTML 9Page - Microchip Technology MCP48FEB01 Datasheet HTML 10Page - Microchip Technology MCP48FEB01 Datasheet HTML 11Page - Microchip Technology MCP48FEB01 Datasheet HTML 12Page - Microchip Technology MCP48FEB01 Datasheet HTML 13Page - Microchip Technology MCP48FEB01 Datasheet HTML 14Page - Microchip Technology MCP48FEB01 Datasheet HTML 15Page - Microchip Technology MCP48FEB01 Datasheet HTML 16Page - Microchip Technology MCP48FEB01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 13
MCP48FEBXX
DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
Unless otherwise noted, all parameters apply across these specified operating ranges:
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V
Gx = ‘0’, RL = 5 k from VOUT to GND, CL = 100 pF
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Differential
Nonlinearity
(see B.12
“Differential
Nonlinearity
(DNL)”
)(10)
DNL
-0.25
±0.0125
+0.25
LSb 8-bit
VRxB:VRxA = ‘10’
(codes: 6 to 250)
VDD = VREF = 5.5V
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘00’, ‘01’, ‘11’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘01’
VDD = 5.5V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘10’, ‘11’
VREF = 1.0V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VDD = 1.8V
-0.5
±0.05
+0.5
LSb 10-bit VRxB:VRxA = ‘10’
(codes: 25 to 1000)
VDD = VREF = 5.5V
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘00’, ‘01’, ‘11’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘01’
VDD = 5.5V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘10’, ‘11’
VREF = 1.0V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VDD = 1.8V
-1.0
±0.2
+1.0
LSb 12-bit VRxB:VRxA = ‘10’
(codes: 100 to 4000)
VDD = VREF = 5.5V
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘00’, ‘01’, ‘11’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘01’
VDD = 5.5V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
Char: VRxB:VRxA = ‘10’, ‘11’
VREF = 1.0V, Gx = ‘1’
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VDD = 1.8V
Note 2
This parameter is ensured by characterization.
Note 10
Code range dependent on resolution: 8-bit, codes 6 to 250; 10-bit, codes 25 to 1000; 12-bit, codes 100 to
4000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com