Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB2X Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP48FVB2X
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB2X Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP48FVB2X Datasheet HTML 48Page - Microchip Technology MCP48FVB2X Datasheet HTML 49Page - Microchip Technology MCP48FVB2X Datasheet HTML 50Page - Microchip Technology MCP48FVB2X Datasheet HTML 51Page - Microchip Technology MCP48FVB2X Datasheet HTML 52Page - Microchip Technology MCP48FVB2X Datasheet HTML 53Page - Microchip Technology MCP48FVB2X Datasheet HTML 54Page - Microchip Technology MCP48FVB2X Datasheet HTML 55Page - Microchip Technology MCP48FVB2X Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
MCP48FVBXX
DS20005466A-page 52
 2015 Microchip Technology Inc.
7.0.1
COMMAND BYTE
The Command Byte has three fields: the address, the
command, and one data bit (see Figure 7-1).
The device memory is accessed when the master
sends a proper command byte to select the desired
operation. The memory location getting accessed is
contained in the command byte’s AD4:AD0 bits. The
action desired is contained in the command byte’s
C1:C0 bits, see Table 7-3. C1:C0 determines if the
desired memory location will be read or written.
As the command byte is being loaded into the device
(on the SDI pin), the device’s SDO pin is driving. The
SDO pin will output high bits for the first seven bits of
that command. On the 8th bit, the SDO pin will output
the CMDERR bit state (see Section 7.0.3, “Error
Condition”
).
7.0.2
DATA BYTES
These commands concatenate the two data bytes
after the command byte, for a 24-bit long command
(see Figure 7-1).
FIGURE 7-1:
24-bit SPI Command Format.
TABLE 7-2:
COMMAND BITS OVERVIEW
C1:C0
bit
states
Command
# of Bits
Normal or HV
00
Write Data
24 Bits
Normal
01
Reserved
—
—
10
Reserved
—
—
11
Read Data
24 Bits
Normal
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
C
M
D
E
R
R
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
0
9
D
0
8
D
0
7
D
0
6
D
0
5
D
0
4
D
0
3
D
0
2
D
0
1
D
0
0
Memory
24-bit Command
Data Bits (8, 10, or 12 bits)
Address
Command
Bits
0
0
= Write Data
0
1
= Reserved
1
0
= Reserved
1
1
= Read Data
C C
1 0
Command
Bits
Command Byte
Data Word (2 Bytes)
(1)
Note 1:
This command uses the 24-bit format.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com