Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB22 Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP48CMB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB22 Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP48CMB22 Datasheet HTML 67Page - Microchip Technology MCP48CMB22 Datasheet HTML 68Page - Microchip Technology MCP48CMB22 Datasheet HTML 69Page - Microchip Technology MCP48CMB22 Datasheet HTML 70Page - Microchip Technology MCP48CMB22 Datasheet HTML 71Page - Microchip Technology MCP48CMB22 Datasheet HTML 72Page - Microchip Technology MCP48CMB22 Datasheet HTML 73Page - Microchip Technology MCP48CMB22 Datasheet HTML 74Page - Microchip Technology MCP48CMB22 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 71
MCP48CXBXX
7.5.1
SINGLE WRITE TO VOLATILE
MEMORY
The write operation requires that the CS pin be in the
Active state (VIL). Typically, the CS pin is in the Inac-
tive state (VIH) and is driven to the Active state (VIL).
The 24-bit Write command (Command Byte and Data
Bytes) is then clocked in on the SCK and SDI pins.
Once all 24 bits have been received, the specified
volatile address is updated. A write will not occur if the
Write command isn’t exactly 24 clocks pulses. This
protects against system issues from corrupting the
nonvolatile memory locations.
Figure 7-2 shows the waveform for a single write.
7.5.2
SINGLE WRITE TO NONVOLATILE
MEMORY
The sequence to write to a single nonvolatile memory
location is the same as a single write to volatile
memory with the exception that before the command,
the HVC pin must be driven to VIHH. After the
command, the CS pin is driven inactive (VIH), which
then starts the MTP write cycle (twc). The HVC pin
must remain at the VIHH level until the completion of
the MTP write cycle.
A write cycle will not start if the write command isn’t
exactly 24 clock’s pulses. This protects against system
issues from corrupting the nonvolatile memory
locations.
After the CS pin is driven inactive (VIH), the serial
interface may immediately be re-enabled by driving
the CS pin to the Active state (VIL).
During an MTP write cycle, only serial commands to
volatile memory are accepted. All other serial
commands are ignored until the MTP write cycle (twc)
is completed. The MTPMA bit in the Status register
indicates the status of an MTP Write Cycle.
Once a Write command to a nonvolatile memory
location has been received, NO other SPI commands
should be received before the CS pin transitions to the
Inactive state (VIH) or a Command Error (CMDERR)
on the current SPI command occurs.
The write to a Nonvolatile Memory command has the
same format as the write to a Volatile Memory
command (see Figure 7-2).
FIGURE 7-2:
Write Single Memory Location Command - SDI and SDO States.
12-bit data
10-bit data
8-bit data
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
0
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
11
11
11
1
1
11
11
11
11
11
11
11
11 Valid(2)
11
11
11
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(3)
Note 1: For Write commands addressing the DAC Wiper Registers, the Data bits depend on the
resolution of the device: 12-bit = D11:D00, 10-bit = D09:D00, and 8-bit = D07:D00.
Data are right justified for easy Host Controller operation (no data manipulation before
transmitting the desired value). The unimplemented bits are ignored.
2: After a valid memory address and a Write command byte are received (CMDERR = ‘1’), all
the following SDO bits will be output as ‘1’.
3: If an Error Condition occurs (CMDERR = ‘0’), all the following SDO bits will be output as ‘0’
until the CMDERR condition is cleared (the CS pin is forced to the Inactive state).
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com