Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB21 Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP48FVB21
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB21 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP48FVB21 Datasheet HTML 74Page - Microchip Technology MCP48FVB21 Datasheet HTML 75Page - Microchip Technology MCP48FVB21 Datasheet HTML 76Page - Microchip Technology MCP48FVB21 Datasheet HTML 77Page - Microchip Technology MCP48FVB21 Datasheet HTML 78Page - Microchip Technology MCP48FVB21 Datasheet HTML 79Page - Microchip Technology MCP48FVB21 Datasheet HTML 80Page - Microchip Technology MCP48FVB21 Datasheet HTML 81Page - Microchip Technology MCP48FVB21 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
MCP48FVBXX
DS20005466A-page 78
 2015 Microchip Technology Inc.
B.7
Offset Error (EOS)
The offset error is the delta voltage of the VOUT voltage
from the ideal output voltage at the specified code.
This code is specified where the output amplifier is in
the linear operating range; for the MCP48FVBXX we
specify code 100 (decimal). Offset error does not
include gain error. Figure B-2 illustrates this.
This error is expressed in mV. Offset error can be neg-
ative or positive. The offset error can be calibrated by
software in application circuits.
FIGURE B-2:
OFFSET ERROR AND
ZERO-SCALE ERROR.
B.8
Offset Error Drift (EOSD)
Offset error drift is the variation in offset error due to a
change in ambient temperature. Offset error drift is
typically expressed in ppm/oC or µV/oC.
B.9
Gain Error (EG)
Gain error is a calculation based on the ideal slope
using the voltage boundaries for the linear range of the
output driver (ex code 100 and code 4000) (see
Figure B-3). The gain error calculation nullifies the
device’s offset error.
Gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. Gain error is usually expressed as percent of
full-scale range (% of FSR) or in LSb. FSR is the ideal
full-scale voltage of the DAC (see Equation B-5).
FIGURE B-3:
GAIN ERROR AND
FULL-SCALE ERROR EXAMPLE.
EQUATION B-5:
EXAMPLE GAIN ERROR
B.10
Gain-Error Drift (EGD)
Gain-error drift is the variation in gain error due to a
change in ambient temperature. Gain error drift is
typically expressed in ppm/oC (of full-scale range).
Ideal Transfer
Actual
DAC Input Code
0
Zero-Scale
Error (EZS)
Offset
Function
100
4000
Error (EOS)
Transfer
Function
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
100
4000
4095
VREF
Transfer
Function
(@ code = 4000)
Ideal Transfer
Function shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in % of full-scale range (FSR).
VOUT(@4000) = The measured DAC output
voltage at the specified code.
VOUT_Ideal(@4000) = The calculated DAC output
voltage at the specified code.
( 4000 * VLSb(Ideal) )
VOS = Measured offset voltage.
VFull Scale Range = Expected full-scale output
value (such as the VREF
voltage).
EG =
• 100
( VOUT(@4000) - VOS - VOUT_Ideal(@4000) )
VFull-Scale Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com