Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB12 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP48FVB12
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB12 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP48FVB12 Datasheet HTML 37Page - Microchip Technology MCP48FVB12 Datasheet HTML 38Page - Microchip Technology MCP48FVB12 Datasheet HTML 39Page - Microchip Technology MCP48FVB12 Datasheet HTML 40Page - Microchip Technology MCP48FVB12 Datasheet HTML 41Page - Microchip Technology MCP48FVB12 Datasheet HTML 42Page - Microchip Technology MCP48FVB12 Datasheet HTML 43Page - Microchip Technology MCP48FVB12 Datasheet HTML 44Page - Microchip Technology MCP48FVB12 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 41
MCP48FVBXX
5.3.2
OUTPUT VOLTAGE
The volatile DAC Register values, along with the device
configuration bits, control the analog VOUT voltage. The
volatile DAC Register’s value is unsigned binary. The
formula for the output voltage is given in Equation 5-2.
Table 5-3 shows examples of volatile DAC register
values and the corresponding theoretical VOUT voltage
for the MCP48FVBXX devices.
EQUATION 5-2:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The following events update the DAC register value
and therefore the analog voltage output (VOUT):
• Power-on Reset
• Brown-out Reset
• Write command
The VOUT voltage will start driving to the new value
after any of these events has occurred.
5.3.3
STEP VOLTAGE (VS)
The Step Voltage is dependent on the device resolution
and the calculated output voltage range. 1 LSb is
defined as the ideal voltage difference between two
successive codes. The step voltage can easily be
calculated by using Equation 5-3. Theoretical step
voltages are shown in Table 5-2 for several VREF
voltages.
EQUATION 5-3:
VS CALCULATION
Note:
When Gain = 2 (VRL = VREF) and
if VREF > VDD / 2, the VOUT voltage will be
limited to VDD. So if VREF = VDD, then the
VOUT voltage will not change for volatile
DAC Register values mid-scale and greater,
since the op amp is at full-scale output.
Where:
# of Resistors in
Resistor Ladder
= 4096 (MCP48FVB2X)
= 1024 (MCP48FVB1X)
=256 (MCP48FVB0X)
V
OUT
V
RL
DAC Register Value
# of Resistors in Resistor Ladder
------------------------------------------------------------------------------
Gain
=
TABLE 5-2:
THEORETICAL STEP
VOLTAGE (VS)
(1)
VREF
5.0
2.7
1.8
1.5
1.0
VS
1.22 mV
659 µV
439 µV
366 µV
244 µV 12-bit
4.88 mV
2.64 mV 1.76 mV 1.46 mV
977 µV 10-bit
19.5 mV
10.5 mV
7.03 mV
5.86 mV
3.91 mV
8-bit
Note 1:
When Gain = 1x, VFS = VRL, and VZS = 0V.
Where:
# of Resistors in
Resistor Ladder
= 4096 (12-bit)
= 1024 (10-bit)
=
256 (8-bit)
V
S
V
RL
# of Resistors in Resistor Ladder
------------------------------------------------------------------------------
Gain
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com