Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB02 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP47FVB02
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB02 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP47FVB02 Datasheet HTML 52Page - Microchip Technology MCP47FVB02 Datasheet HTML 53Page - Microchip Technology MCP47FVB02 Datasheet HTML 54Page - Microchip Technology MCP47FVB02 Datasheet HTML 55Page - Microchip Technology MCP47FVB02 Datasheet HTML 56Page - Microchip Technology MCP47FVB02 Datasheet HTML 57Page - Microchip Technology MCP47FVB02 Datasheet HTML 58Page - Microchip Technology MCP47FVB02 Datasheet HTML 59Page - Microchip Technology MCP47FVB02 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
MCP48FEBXX
DS20005429B-page 56
 2015 Microchip Technology Inc.
7.0.1
COMMAND BYTE
The command byte has three fields: the address, the
command, and one data bit (see Figure 7-1). Currently
only one of the data bits is defined (D8). This is for the
Write
command.
The device memory is accessed when the master
sends a proper command byte to select the desired
operation. The memory location getting accessed is
contained in the command byte’s AD4:AD0 bits. The
action desired is contained in the command byte’s
C1:C0 bits, see Table 7-2. C1:C0 determines if the
desired memory location will be read, written, enabled
or disabled.
As the command byte is being loaded into the device
(on the SDI pin), the device’s SDO pin is driving. The
SDO pin will output high bits for the first seven bits of
that command. On the 8th bit, the SDO pin will output
the CMDERR bit state (see Section 7.0.3 “Error
Condition”
).
7.0.2
DATA BYTES
Data bytes are only present in the
Read
and the
Write
commands. These commands concatenate the
two data bytes after the command byte, for a 24-bit
long command (see Figure 7-1).
TABLE 7-2:
COMMAND BIT OVERVIEW
FIGURE 7-1:
8-BitSPI CommandFormat.
FIGURE 7-2:
24-bit SPI Command Format.
C1:C0
Bit
States
Command
# of
Bits
Normal or HV
11
Read Data
24-Bits Normal
00
Write Data
24-Bits Normal
01
Enable (1)
8-Bits
HV Only
10
Disable (1)
8-Bits
HV Only
Note 1:
High
Voltage
enable
and
disable
commands on select nonvolatile memory
locations.
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
C
M
D
E
R
R
Memory
Command Byte
Address
Command
Bits
0 0 = Write Data
0 1
= Disable (1)
1 0
= Enable (1)
1 1 = Read Data
C C
1 0
Command
Bits
8-bit Command
Note 1:
This command uses the 8-bit format.
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
C
M
D
E
R
R
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
0
9
D
0
8
D
0
7
D
0
6
D
0
5
D
0
4
D
0
3
D
0
2
D
0
1
D
0
0
Memory
24-bit Command
Data Bits (8-, 10-, or 12-bits)
Address
Command
Bits
0 0
= Write Data (1)
0 1 = Disable
1 0 = Enable
1 1
= Read Data (1)
C C
1 0
Command
Bits
Command Byte
Data Word (2 Bytes)
Note 1:
This command uses the 24-bit format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com