Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB12 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP47FVB12
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB12 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP47FVB12 Datasheet HTML 51Page - Microchip Technology MCP47FVB12 Datasheet HTML 52Page - Microchip Technology MCP47FVB12 Datasheet HTML 53Page - Microchip Technology MCP47FVB12 Datasheet HTML 54Page - Microchip Technology MCP47FVB12 Datasheet HTML 55Page - Microchip Technology MCP47FVB12 Datasheet HTML 56Page - Microchip Technology MCP47FVB12 Datasheet HTML 57Page - Microchip Technology MCP47FVB12 Datasheet HTML 58Page - Microchip Technology MCP47FVB12 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 55
MCP48FEBXX
7.0
SPI COMMANDS
This section documents the commands that the device
supports.
The MCP48FEBXX’s SPI command format supports
32 memory address locations and four commands.
Commands may have two modes. These are:
• Normal Serial Commands
• High-Voltage Serial Commands
The four commands are:
• Write command (C1:C0 = ‘00’)
• Read command (C1:C0 = ‘11’)
• Commands to Modify the Device Configuration
Bits:
(HVC = VIHH)
- Enable Configuration Bit (C1:C0 = ‘10’)
- Disable Configuration Bit (C1:C0 = ‘01’)
The supported commands are shown in Table 7-1. These
commands allow for both single data or continuous data
operation. Table 7-1 also shows the required number of
bit clocks for each command’s different mode of
operation.
Normal Serial commands are those where the HVC
pin is driven to either VIH or VIL. With High-Voltage
Serial commands, the HVC pin is driven to VIHH.
The 8-bit commands (see Figure 7-1) are used to
modify
the
device
Configuration
bits
(Enable
Configuration Bit
and Disable Configuration Bit),
while the 24-bit commands (see Figure 7-2) are used
to read and write to the device registers (Read
Command
and Write Command). These commands
contain a Command Byte and two Data Bytes.
Table 7-2 shows an overview of all the SPI commands
and their interaction with other device features.
TABLE 7-1:
SPI COMMANDS - NUMBER OF CLOCKS
Command
# of Bit
Clocks
(2)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
HV
Mode(1)
C1
C0
@ 1 MHz @ 10 MHz @ 20 MHz(3)
Write Command
00
No(3) Single
24
41,666
416,666
833,333
00
No(3) Continuous
24 * n
41,666
416,666
833,333
For 10 data words
Read Command (4)
11
No(3) Single
24
41,666
416,666
833,333
11
No(3) Continuous
24 * n
41,666
416,666
833,333
For 10 data words
Enable Configuration
Bit
Command
10
Yes Single
8
125,000 1,250,000 2,500,000
10
Yes Continuous
8 * n
125,000 1,250,000 2,500,000 For 10 data words
Disable Configuration
Bit
Command
01
Yes Single
8
125,000 1,250,000 2,500,000
01
Yes Continuous
8 * n
125,000 1,250,000 2,500,000 For 10 data words
Note 1:
Nonvolatile registers can only use the “Single” mode.
2:
“n” indicates the number of times the command operation is to be repeated.
3:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition
(CMDERR) will NOT be generated.
4:
This command is useful to determine when an EEPROM programming cycle has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com