Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1113 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1113
Description  BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1113 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1113 Datasheet HTML 3Page - STMicroelectronics AN1113 Datasheet HTML 4Page - STMicroelectronics AN1113 Datasheet HTML 5Page - STMicroelectronics AN1113 Datasheet HTML 6Page - STMicroelectronics AN1113 Datasheet HTML 7Page - STMicroelectronics AN1113 Datasheet HTML 8Page - STMicroelectronics AN1113 Datasheet HTML 9Page - STMicroelectronics AN1113 Datasheet HTML 10Page - STMicroelectronics AN1113 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
fact, a high frequency PWM wave produces, in a coil, a voltage whose amplitude value is the mean va-
lue of the square wave.
The motor data sheet displayed in fig. 2, clearly shows that "U-W" phase must be supplied positive
when sensor "H1" is high, "W-V" when sensor "H2" is high and so on. This is true because the triangular
connection was preferred in the coils arrangement. AND output is, then, a Pulse train whose duration is
the same of the Hall signal. This pulses train is used to drive each leg of the bridge L298.
L298 is a monolithic dual full-bridge driver designed to accept standard TTL logic levels and drive induc-
tive loads such as relays, solenoids, DC and stepping motors. Enable input signals are available to allow
a software protection. Internal circuitry provides the appropriate dead-time in order to avoid a "cross-con-
duction" along the leg.
ST52x301 provides, by means of an internal peripheral, a PWM wave that can be varied by software.
ST52x301 PWM frequency is chosen as compromise between acoustic noise in the motor and losses in
the power stages of the bridge. A 19 KHz wave frequency was used in the implemented application.
SOFTWARE DESCRIPTION
Before to discuss about ST52x301 software configuration, it is important to note some HW connections
in the schematic. Bit "0" (pin 9) of the parallel port is used to enable the power stage only after power-on
reset, then parallel port must be configured in OUT mode. The analog input AIN0 (pin 43) is used to read
the voltage reference. A voltage between 0 + 2.5 V present on this pin, is converted in the range 0 +
255.
External INTerrupt pin (27) is used to read one Hall sensor signal period in order to calculate the instan-
taneous speed. This digital input will be configured both in negative or positive edge trigger to produce
an internal software interrupt.
Fig. 8 displays how to configure A/D peripheral with 3 inputs, TRIAC peripheral in PWM mode at 19 KHz,
the used global variables.
The following figure reports the main program in term of graphical programming. The appendix at the
Figure 8 . Peripheral configuration
®
Brushless Motor Fuzzy Control by using ST52x301
7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com