Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC43 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC43
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC43 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC43 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC43
30
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC43-1R0
1.0
7.96MHZ
33m
3.80
3.20
SC43-1R4
1.4
7.96MHZ
38m
3.30
3.10
SC43-1R8
1.8
7.96MHZ
42m
2.91
2.90
SC43-2R2
2.2
7.96MHZ
47m
2.60
2.70
SC43-2R7
2.7
7.96MHZ
52m
2.43
2.50
SC43-3R3
3.3
7.96MHZ
58m
2.15
2.15
SC43-3R9
3.9
7.96MHZ
76m
1.98
1.98
SC43-4R7
4.7
7.96MHZ
94m
1.70
1.72
SC43-5R6
5.6
7.96MHZ
101m
1.60
1.68
SC43-6R8
6.8
7.96MHZ
117m
1.41
1.58
SC43-8R2
8.2
7.96MHZ
132m
1.26
1.40
SC43-100
10
2.52MHZ
182m
1.15
1.25
SC43-120
12
2.52MHZ
210m
1.05
1.20
SC43-150
15
2.52MHZ
235m
0.92
1.10
SC43-180
18
2.52MHZ
338m
0.84
0.95
SC43-220
22
2.52MHZ
378m
0.76
0.86
SC43-270
27
2.52MHZ
522m
0.71
0.74
SC43-330
33
2.52MHZ
540m
0.64
0.72
SC43-390
39
2.52MHZ
587m
0.59
0.64
SC43-470
47
2.52MHZ
844m
0.54
0.60
SC43-560
56
2.52MHZ
937m
0.50
0.54
SC43-680
68
2.52MHZ
1117m
0.46
0.48
(1). Inductance tolerance for 1.0uH:
±30%, for 1.4uH~68uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
4. 5
SC43 Inductance decrease by current
DC current (mA)
DC current (mA)
SC43 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC43-100 ETC2-SC43-100 Datasheet
215Kb / 1P
SMD POWER INDUCTORS
logo
Kingbright Corporation
SC43-11EWA KINGBRIGHT-SC43-11EWA Datasheet
183Kb / 4P
10.92mm (0.43INCH) SINGLE DIGIT NUMERIC
SC43-11GWA KINGBRIGHT-SC43-11GWA Datasheet
184Kb / 4P
10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-11SRWA KINGBRIGHT-SC43-11SRWA Datasheet
181Kb / 4P
10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-11YWA KINGBRIGHT-SC43-11YWA Datasheet
183Kb / 4P
10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC43

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com