Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC52 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC52
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC52 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC52 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC52
31
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC52-R80
0.8
7.96MHZ
29m
3.00
3.50
SC52-1R2
1.2
7.96MHZ
36m
2.80
3.30
SC52-1R8
1.8
7.96MHZ
54m
2.40
2.50
SC52-2R2
2.2
7.96MHZ
56m
2.20
2.30
SC52-3R3
3.3
7.96MHZ
74m
2.00
2.00
SC52-3R9
3.9
7.96MHZ
84m
1.80
1.80
SC52-4R7
4.7
7.96MHZ
108m
1.66
1.65
SC52-5R6
5.6
7.96MHZ
118m
1.53
1.50
SC52-6R8
6.8
7.96MHZ
128m
1.39
1.40
SC52-8R2
8.2
7.96MHZ
156m
1.20
1.32
SC52-100
10
2.52MHZ
200m
1.15
1.15
SC52-120
12
2.52MHZ
210m
1.02
1.05
SC52-150
15
2.52MHZ
270m
0.88
0.96
SC52-180
18
2.52MHZ
325m
0.80
0.88
SC52-220
22
2.52MHZ
400m
0.74
0.84
SC52-270
27
2.52MHZ
470m
0.66
0.78
SC52-330
33
2.52MHZ
580m
0.62
0.70
SC52-390
39
2.52MHZ
660m
0.56
0.64
SC52-470
47
2.52MHZ
767m
0.53
0.58
SC52-560
56
2.52MHZ
1.020
0.49
0.54
SC52-680
68
2.52MHZ
1.165
0.44
0.50
SC52-820
82
2.52MHZ
1.370
0.40
0.47
SC52-101
100
1KHZ
1.440
0.37
0.44
(1). Inductance tolerance for 0.8uH:
±30%, for 1.2uH~100uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
5. 5
10
100
100
1000
10000
10
BC52 I nduct ance decrease by cur rent
100000
DC cur r ent (mA)
1
0. 1
1000
101
100
0R8
BC52 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
101
100
0R8
SC52 Inductance decrease by current
DC current (mA)
DC current (mA)
SC52 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC52 ETC-SC52 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Zowie Technology Corpor...
SC52 ZOWIE-SC52 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SC52-11 ETC-SC52-11 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
SC52-11EWA ETC-SC52-11EWA Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SC52-11EWA KINGBRIGHT-SC52-11EWA Datasheet
162Kb / 3P
Standard-Displays
More results

Similar Description - SC52

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com