Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC52LC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC52LC
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC52LC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC52LC Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC52LC
100
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC52LC-1R2
1.2
100KHZ
44m
2.15
3.30
SC52LC-2R2
2.2
100KHZ
59m
1.63
3.00
SC52LC-2R5
2.5
100KHZ
73m
1.34
2.10
SC52LC-4R7
4.7
100KHZ
87m
1.14
1.78
SC52LC-6R8
6.8
100KHZ
105m
0.95
1.60
SC52LC-100
10
100KHZ
150m
0.76
1.44
SC52LC-150
15
100KHZ
230m
0.63
1.16
SC52LC-220
22
100KHZ
320m
0.56
0.98
SC52LC-330
33
100KHZ
455m
0.44
0.78
SC52LC-470
47
100KHZ
730m
0.36
0.60
SC52LC-680
68
100KHZ
1.13
0.30
0.48
SC52LC-101
100
100KHZ
1.65
0.23
0.38
(1). Inductance tolerance for 1.2uH~6.8uH:
±30%, for 10uH~100uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
1
10
100
100
1000
10000
10
BC52LC I nduct ance decrease by current
100000
DC current (mA)
1000
0. 1
101
100
1R2
BC52LC Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000 1500
3500
2500
4000
0
4500 5000
101
100
1R2
SC52LC Inductance decrease by current
DC current (mA)
DC current (mA)
SC52LC Temperature rise by current
Custom versions available upon request.
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com


Similar Part No. - SC52LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC52 ETC-SC52 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Zowie Technology Corpor...
SC52 ZOWIE-SC52 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bel Fuse Inc.
SC52 BEL-SC52 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-100 BEL-SC52-100 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-101 BEL-SC52-101 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
More results

Similar Description - SC52LC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com