Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC53 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC53
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC53 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC53 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC53
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
32
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC53-4R2
4.2
7.96MHZ
70m
1.85
2.60
SC53-6R2
6.2
7.96MHZ
85m
1.75
2.20
SC53-100
10
2.52MHZ
0.11
1.30
1.85
SC53-120
12
2.52MHZ
0.13
1.23
1.60
SC53-150
15
2.52MHZ
0.16
1.10
1.50
SC53-180
18
2.52MHZ
0.18
1.05
1.40
SC53-220
22
2.52MHZ
0.23
0.93
1.30
SC53-270
27
2.52MHZ
0.25
0.84
1.20
SC53-330
33
2.52MHZ
0.30
0.76
1.02
SC53-390
39
2.52MHZ
0.35
0.68
0.95
SC53-470
47
2.52MHZ
0.43
0.63
0.85
SC53-560
56
2.52MHZ
0.54
0.59
0.78
SC53-680
68
2.52MHZ
0.59
0.53
0.70
SC53-820
82
2.52MHZ
0.72
0.48
0.62
SC53-101
100
1KHZ
0.92
0.45
0.56
SC53-121
120
1KHZ
1.01
0.42
0.52
SC53-151
150
1KHZ
1.3
0.38
0.46
SC53-181
180
1KHZ
1.6
0.35
0.40
SC53-221
220
1KHZ
1.8
0.32
0.38
SC53-271
270
1KHZ
2.4
0.30
0.35
SC53-331
330
1KHZ
3.2
0.28
0.31
SC53-391
390
1KHZ
3.5
0.26
0.29
SC53-471
470
1KHZ
4.2
0.20
0.25
SC53-561
560
1KHZ
4.9
0.19
0.22
SC53-681
680
1KHZ
6.7
0.18
0.20
SC53-821
820
1KHZ
7.8
0.15
0.18
SC53-102
1000
1KHZ
8.8
0.13
0.17
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
5. 5
10
100
1000
100
1000
10000
10
BC53 I nduct ance decrease by current
100000
DC current (mA)
10000
1
102
680
4R2
BC53 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
102
680
4R2
SC53 Inductance decrease by current
DC current (mA)
DC current (mA)
SC53 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SC53

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5301 FAIRVIEW-SC5301 Datasheet
337Kb / 1P
SMP MALE FULL DETENTE SHROUD .328 SPACING
SC5302 FAIRVIEW-SC5302 Datasheet
495Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange
REV 2.0
SC5304 FAIRVIEW-SC5304 Datasheet
493Kb / 3P
SC5304 DATA SHEET SMP Male Full Detent Shroud 2 Hole Flange
REV 2.0
SC5308 FAIRVIEW-SC5308 Datasheet
37Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM Ø.155" .004" .045"
REV A
logo
Semtech Corporation
SC531 SEMTECH-SC531 Datasheet
396Kb / 15P
Triple Low-side FET Driver with Digitally Controlled Current Limit
More results

Similar Description - SC53

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR6028 BEL-SCNR6028 Datasheet
691Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com