Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8GE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC438MS8GE
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC438MS8GE Datasheet(HTML) 5 Page - Analog Devices

  HMC438MS8GE Datasheet HTML 1Page - Analog Devices HMC438MS8GE Datasheet HTML 2Page - Analog Devices HMC438MS8GE Datasheet HTML 3Page - Analog Devices HMC438MS8GE Datasheet HTML 4Page - Analog Devices HMC438MS8GE Datasheet HTML 5Page - Analog Devices HMC438MS8GE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4
4 - 5
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Application Circuit
HMC438MS8G / 438MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7 GHz
v07.1019
Pin Number
Function
Description
Interface Schematic
3
IN
RF input 180° out of phase with pin 2 for differential
operation. AC ground for single ended operation.
4, 5
GND
All ground leads and ground paddle must be soldered
to PCB RF/DC ground.
6
OUT
Divided output 180° out of phase with pin 7.
7
OUT
Divided Output.
8
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected
to RF/DC ground externally.
Pin Description (Continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com