Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF3N80A Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SWF3N80A
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SWF3N80A Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SWF3N80A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
91114_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
10-2
10-2
10-1
102
101
100
10-1
100
101
VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 150 °C
91114_02
4.5 V
10-2
10-2
10-1
102
20 µs Pulse Width
V
DS = 100 V
101
100
10-1
VGS, Gate-to-Source Voltage (V)
5678
9
10
4
25
°C
150
°C
91114_03
I
D = 4 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91114_04
- 60 - 40 - 20 0
20
40
60 80 100 120 140 160
3.5
SWF3N80A
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com