Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS520F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SS520F
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SS520F Datasheet(HTML) 2 Page - Rectron Semiconductor

  SS520F Datasheet HTML 1Page - Rectron Semiconductor SS520F Datasheet HTML 2Page - Rectron Semiconductor SS520F Datasheet HTML 3Page - Rectron Semiconductor SS520F Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
T =25
J
C
T =100
J
C
Percent of Rated Peak Reverse Voltage
100
10
0
10
1
10
2
10
3
10
4
T =75
J
C
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
Fig.1 Forward Current Derating Curve
1.0
2.0
3.0
4.0
5.0
6.0
0.0
25
50
75
100
125
150
Ambient Temperature ( C)
SS54F/SS520F
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
sec
0.1
1
10
200
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100
SS54F~SS520F
7.0
0.01
0
0.4
1.4
0.1
1.0
0.6
0.2
0.8
1.0
1.2
1.8
1.6
10
SS52F
SS54F
SS56F/SS58F
SS510F/SS520F
10
0.1
10
100
200
500
20
50
100
1
SS54F/SS520F
T=25
J
C
1000
SS52F/SS54F
SS56F-SS520F
T =25
J
C
RATING AND CHARACTERISTICS CURVES (SS52F THRU SS520F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com