Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1206-R22 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC1206-R22
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC1206-R22 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC1206-R22 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC1206
39
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
2 Low DCR
3 Excellent Power Density
4 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC1206-R12
0.12
1MHZ
112m
0.97
1.60
SC1206-R22
0.22
1MHZ
140m
0.85
1.35
SC1206-R47
0.47
1MHZ
210m
0.70
1.08
SC1206-1R0
1.0
1MHZ
364m
0.51
0.78
SC1206-2R2
2.2
1MHZ
533m
0.43
0.66
SC1206-4R7
4.7
1MHZ
845m
0.34
0.58
SC1206-100
10
1MHZ
1.69
0.23
0.40
SC1206-220
22
1MHZ
3.90
0.16
0.25
SC1206-470
47
1MHZ
10.40
0.10
0.15
SC1206-101
100
1MHZ
15.60
0.08
0.12
(1).
Inductance tolerance for 0.12uH~0.47uH:
±30%, for 1.0uH~4.7uH: ±20%, for 10uH~100uH: ±10%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
0. 1
1
10
100
1000
10000
10
BC1206 I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
100
0. 01
1000
101
2R2
R12
BC1206 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000 1500
3500
2500
4000
0
4500
101
2R2
R12
SC1206 Temperature rise by current
DC current (mA)
DC current (mA)
SC1206 Inductance decrease by current
Custom versions available upon request.
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19
belfuse.com/signal


Similar Part No. - SC1206-R22

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC1206-150ASMD SOCAY-SC1206-150ASMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1206-200ASMD SOCAY-SC1206-200ASMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1206-230ASMD SOCAY-SC1206-230ASMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1206-300ASMD SOCAY-SC1206-300ASMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1206-350ASMD SOCAY-SC1206-350ASMD Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results

Similar Description - SC1206-R22

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com