Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTWTN-115D0/T Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LTWTN-115D0/T
Description  Power Transducer Series LT-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTWTN-115D0/T Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LTWTN-115D0/T Datasheet HTML 1Page - M-System Co.,Ltd. LTWTN-115D0/T Datasheet HTML 2Page - M-System Co.,Ltd. LTWTN-115D0/T Datasheet HTML 3Page - M-System Co.,Ltd. LTWTN-115D0/T Datasheet HTML 4Page - M-System Co.,Ltd. LTWTN-115D0/T Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: LTWTN
LTWTN SPECIFICATIONS
ES-3356 Rev.13 Page 2/5
https://www.m-system.co.jp/
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[5] PULSE OUTPUT (open collector)
0: None
1: 2.777 Hz at 100 % input
2: Specify pulse unit (within 0.006 – 3.12 Hz)
[6] OPTIONS (multiple selections)
Terminal Cover
blank: Without
/T: With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to DC output to
pulse output
Computation: Time division multiplication
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment(DC output): -5 to + 5 % (front)
Span adjustment(DC output): 95 to + 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
■ VOLTAGE INPUT
Operational range: 85 – 110 % of rating
Overload capacity: 150 % of rating for 10 sec., 110 %
continuous
■ CURRENT INPUT
Operational range: 0 – 120 % of rating
Overload capacity: 4000 % of rating for 1 sec., 2000 % for 4
sec., 120 % continuous
■ How to determine Wattage Range
Calibration Range [W] = Measuring Wattage ÷ ((VT Ratio) ×
(CT Ratio))
Check that the required calibration range is within the
available range in the table. Specify this range when
ordering.
[Example]
3-phase / 3-wire, measuring wattage 750 kW,
VT 3300/110 V, CT 250/5 A
750 × 103 [W] ÷ ((3300÷110) × (250÷5)) = 500 [W]
• Single-phase / 2-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
1 / 1
±100W
±50 – ±120W
0.1
1 / 2
±200W
±100 – ±240W
2.5
0.2
1 / 5
±500W
±250 – ±600W
0.5
2 / 1
±200W
±100 – ±240W
0.1
2 / 2
±400W
±200 – ±480W
2.5
0.2
2 / 5
±1000W
±500 – ±1200W
0.5
• Single-phase / 3-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
A / 1
±200W
±100 – ±240W
P
1: 2.5
0.1/ph
A / 2
±400W
±200 – ±480W
P
2: 0.2
0.2/ph
A / 5
±1000W
±500 – ±1200W
0.5/ph
• 3-phase / 3-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
1 / 1
±200W
±100 – ±240W
P
1: 2.5
0.1/ph
1 / 2
±400W
±200 – ±480W
P
3: 0.2
0.2/ph
1 / 5
±1000W
±500 – ±1200W
0.5/ph
2 / 1
±400W
±200 – ±480W
P
1: 2.5
0.1/ph
2 / 2
±800W
±400 – ±960W
P
3: 0.4
0.2/ph
2 / 5
±2000W
±1000 – ±2400W
0.5/ph
• 3-phase / 4-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
1 / 1
±200W
±100 – ±240W
P
1 – P2
0.1/ph
1 / 2
±400W
±200 – ±480W
: 2.5
0.2/ph
1 / 5
±1000W
±500 – ±1200W
P
3: 0.1
0.5/ph
2 / 1
±400W
±200 – ±480W
P
1 – P2
0.1/ph
2 / 2
±800W
±400 – ±960W
: 2.5
0.2/ph
2 / 5
±2000W
±1000 – ±2400W
P
3: 0.3
0.5/ph
4 / 1
±800W
±400 – ±880W
P
1: 2.5
0.1/ph
4 / 2
±1600W
±800 – ±1760W
P
2: 0.4
0.2/ph
4 / 5
±4000W
±2000 – ±4400W
P
3: 0.4
0.5/ph
OUTPUT SPECIFICATIONS
■DC Output
• DC Current: -10 – +20 mA DC
Span: Min. 1 mA, max. 20 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 10 V max.
• DC Voltage: -10 – +12 V DC
Minimum span: 5 mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com