Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3S06504C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SC3S06504C
Description  650/4A silicon Carbide Power Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06504C Datasheet(HTML) 2 Page - Rectron Semiconductor

  SC3S06504C Datasheet HTML 1Page - Rectron Semiconductor SC3S06504C Datasheet HTML 2Page - Rectron Semiconductor SC3S06504C Datasheet HTML 3Page - Rectron Semiconductor SC3S06504C Datasheet HTML 4Page - Rectron Semiconductor SC3S06504C Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MaximumRatings
ThermalCharacteristics
ElectricalCharacteristics
Parameter
Symbol
Test Condition
Value
Unit
Repetitive Peak Reverse
Voltage
VRRM
650
V
Surge Peak Reverse
Voltage
VRSM
650
DCBlockingVoltage
VDC
650
Continuous Forward
Current
IF
TC=25
TC=135
TC=150
11
5
4
A
Repetitive Peak Forward
Surge Current
IFRM
TC=25
,tp=10ms
HalfSineWave
D=0.3
15
A
NonrepetitivePeak
ForwardSurge Current
IFSM
TC=25
,tp=10ms
HalfSineWave
30
A
TC=25
53.2
W
PowerDissipation
PTOT
TC=110
23
W
OperatingJunction
Tj
55
to 175
StorageTemperature
Tstg
55
to 175
Mounting Torque
M3Screw
632Screw
1
8.8
Nm
lbf in
Value
Parameter
Symbol
TestCondition
Typ.
Unit
Thermalresistancefrom
junctiontocase
RthJC
2.82
/W
Numerical
Parameter
Symbol
TestConditions
Typ.
Max.
Unit
IF=4A, Tj=25
1.55
1.7
ForwardVoltage
VF
IF=4A, Tj=175
2.2
2.5
V
VR=650V,Tj=25
10
100
ReverseCurrent
IR
VR=650V,Tj=175
20
200
μA
TotalCapacitive Charge
QC
VR=400V, Tj=150
dV
V
C
Qc
VR
)
(
0
³
11
nC
VR=0V,Tj=25
,f=1MHZ
181
220
VR=200V, Tj=25 , f=1MHZ
22.5
25
TotalCapacitance
C
VR=400V, Tj=25 , f=1MHZ
20.5
21
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com