Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LV-100R-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # 47LV-100R-R
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LV-100R-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

  47LV-100R-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 7Page - M-System Co.,Ltd. 47LV-100R-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MODEL: 47LV
47LV SPECIFICATIONS
ES-9502 Rev.14 Page 8/8
https://www.m-system.co.jp/
• Input Terminal Assignments
INPUT TYPE
MEASURING
INPUT
(indicator)
RANGE
TERMINALS
V200
±200V
1 – 4
V10
±10V
V5
±5V
V1
±1V
V01
±100mV
2 – 4
V001
±10mV
INPUT TYPE
MEASURING
INPUT
(indicator)
RANGE
TERMINALS
V0-5
0 – 5V
2 –  4
V1-5
1 – 5V
A100
±100mA
3 – 4
A1
±1mA
A0-2
0 – 20mA
A4-2
4 – 20mA
A2-2
±2A
A1-1
±1A
V700
±700V
A01
±100μA
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com