Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LPQ Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 47LPQ
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LPQ Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  47LPQ Datasheet HTML 1Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 2Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 3Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 4Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 5Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 6Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 7Page - M-System Co.,Ltd. 47LPQ Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: 47LPQ
47LPQ SPECIFICATIONS
ES-9516 Rev.14 Page 3/8
https://www.m-system.co.jp/
PERFORMANCE
DC output accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Output resolution: Max. 14 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.5 sec. (DC output: 0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to DC
output to HH output or H output to L output or LL output to
power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (alarm output)
Installation Category II (power)
Pollution degree 2
Input or DC output to alarm output to power: Reinforced
insulation (300 V)
Input to DC output: Basic insulation (300 V)
RoHS Directive
Protection against access to the terminal blocks:
Finger protection (VDE 0660-514)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com