Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3S06540B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SC3S06540B
Description  650V/40A Silicon Carbide Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06540B Datasheet(HTML) 2 Page - Rectron Semiconductor

  SC3S06540B Datasheet HTML 1Page - Rectron Semiconductor SC3S06540B Datasheet HTML 2Page - Rectron Semiconductor SC3S06540B Datasheet HTML 3Page - Rectron Semiconductor SC3S06540B Datasheet HTML 4Page - Rectron Semiconductor SC3S06540B Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Maximum ratings(Tc=25
unless otherwise specified
*single leg
**two legs
Thermal Characteristics
*single leg
**two legs
Electrical characteristics
Parameter
Symbol
Test condition
Value
Unit
VRRM
650
V
VRSM
650
VDC
650
IF
TC=25
TC=135
45*
20*
A
IFRM
TC=25
, tp=10ms
Half Sine
Wave
D=0.3
100*
A
IFSM
TC=25
, tp=10ms
Half Sine
Wave
200*
A
PTOT
TC=25
141.5*
W
TC=110
61.3*
W
Tj
-55
to 175
Tstg
-55
to 175
M3 Screw
6-32 Screw
1
8.8
Nm
lbf-in
Parameter
Symbol
Test condition
Value
Unit
Typ.
1.06*
0.53**
Parameter
Symbol
Test condition
Value
Unit
Typ.
Max.
IF=20A, Tj=25
1.7
1.8
V
IF=20A, Tj=175
2
2.5
VR=650V, Tj=25
30
100
A
VR=650V, Tj=175
60
200
VR=400V, Tj=150
dV
V
C
Qc
VR
)
(
0
³
56
-
nC
VR=0V, Tj=25
, f=1MHZ
1170
1300
pF
VR=200V, Tj=25
, f=1MHZ
110
120
VR=400V, Tj=25
, f=1MHZ
100
108



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com