Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DV Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 47DV
Description  Digital Panel Meters 47 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DV Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  47DV Datasheet HTML 1Page - M-System Co.,Ltd. 47DV Datasheet HTML 2Page - M-System Co.,Ltd. 47DV Datasheet HTML 3Page - M-System Co.,Ltd. 47DV Datasheet HTML 4Page - M-System Co.,Ltd. 47DV Datasheet HTML 5Page - M-System Co.,Ltd. 47DV Datasheet HTML 6Page - M-System Co.,Ltd. 47DV Datasheet HTML 7Page - M-System Co.,Ltd. 47DV Datasheet HTML 8Page - M-System Co.,Ltd. 47DV Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MODEL: 47DV
47DV SPECIFICATIONS
ES-9501 Rev.17 Page 4/13
https://www.m-system.co.jp/
POL: BCD Polarity
ON = (–), OFF = (+)
OVF: BCD Overflow/underflow (scaling error)
Output given at overflow or underflow (scaling error)
DAV: Data Valid
ON = valid, OFF = invalid
RUN: Run
Means the meter is functioning.
OFF = Error except the scaling error
No DAV or DATA output is given when
RUN signal is not provided.
• Alarm Output Signals: NPN open collector
Max. load voltage: 24 V DC
Max. load current: 50 mA
Saturation voltage: ≤ 1.1 V
Leakage current: ≤ 500 μA
Signal ID and Details
HH: HH alarm trip output
H: H alarm trip output
PASS: PASS zone output
L: L alarm trip output
LL: LL alarm trip output
INSTALLATION
Power consumption
•AC: Max. 12 VA
•DC: ≤ 3.5 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE
Accuracy
Display Voltage input: ±0.03 % ±1 digit
Current input: ±0.1 % ±1 digit
Output: ±0.1 % (DC output = display + output)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input resolution: Max. 19 bits
Output resolution: Max. 14 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.5 sec. (DC output: 0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input or excitation supply to DC output to HH output or H
output to L output or LL output to network or BCD output or
event trigger input to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EN 61326-1
Low Voltage Directive
EN 61010-1
Measurement Category II (input, alarm output)
Installation Category II (power)
Pollution degree 2
Input or excitation supply or DC output to alarm output to
power: Reinforced insulation (300 V)
Input or excitation supply to DC output:
Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com