Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LYV-DR-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 47LYV-DR-R
Description  Digital Panel Meters 47 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LYV-DR-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  47LYV-DR-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LYV-DR-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LYV-DR-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LYV-DR-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LYV-DR-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: 47LYV
47LYV SPECIFICATIONS
ES-9514 Rev.9 Page 5/5
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm
92
+ 0.8
– 0
min. 120
Panel thickness: 1.6 to 8.0 mm
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
6
7
8
9
10
POWER
U(+)
V(–)
Digital
Computation
Display /
Setting
A/D
Converter
2
5
3
4
10Ω
* Shunt resistor incoporated for current input.
*
+
–
INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com