Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB40AE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB40AE
Description  3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB40AE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB40AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB40AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB40AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB40AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB40AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB40AE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8698A
02/01/05
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low crosstalk: –27dB @ 250MHz
• Low Current Consumption; 20μA
• Near-Zero propagation delay: 250ps
• Switching speed: 3ns
• Channel On-Capacitance: 6pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD >2000V . . . Human Body Model
• >500MHz bandwidth (or data frequency)
• Packaging (Pb-free & Green available):
-48-pin 240 mil wide plastic TSSOP (A)
Applications
• Routes physical layer signals for high-speed, high
bandwidth differential protocols
Description
The PI3USB40 is a 16- to 8-channel multiplexer/demultiplexer
Switch with Hi-Z outputs. Industry leading advantages include
a propagation delay of less than 250ps, resulting from its low
channel resistance and I/O capacitance. The device multiplexes
differential outputs from a USB transceiver device to one of two
corresponding outputs.
The switch is bidirectional and offers little or no attenuation of the
high-speed signals at the outputs. It is designed for low bit-to-bit
skew, high channel-to-channel noise isolation and is compatible
with various standards, such as High Speed USB 2.0 (480 Mb/s).
Block Diagram
Pin Description
PI3USB40
3.3V, Wide Bandwidth, 8-Channel,
2:1 Mux/DeMux USB 2.0 Switch with Single Enable
Y0
Y1
0I1
1I1
0I2
1I2
2I1
3I1
2I2
3I2
4I1
5I1
4I2
5I2
6I1
7I1
6I2
7I2
Y2
Y3
Y4
Y5
Y6
Y7
1
0I1
1I1
GND
0I2
1I2
GND
2I1
3I1
GND
2I2
3I2
GND
VDD
4I1
5I1
GND
4I2
5I2
GND
6I1
7I1
GND
6I2
7I2
VDD
Y0
GND
Y1
GND
VDD
GND
Y2
GND
Y3
GND
VDD
GND
NC
Y4
GND
Y5
GND
VDD
GND
Y6
GND
Y7
SEL
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
48
47
46
45
44
43
33
32
31
30
42
41
40
39
20
21
22
23
24
29
28
27
26
25


Similar Part No. - PI3USB40AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DQ1ZUAEX DIODES-PI3USB4000DQ1ZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DZUAEX DIODES-PI3USB4000DZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
More results

Similar Description - PI3USB40AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com