Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0426BA02365S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0426BA02365S
Description  426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0426BA02365S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0426BA02365S Datasheet HTML 1Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
426 MHz SAW Bandpass Filter
4.9 MHz bandwidth
Part Number SF0426BA02365S
Integrated
Circuit
Systems, Inc.
Rev X8 21-Apr-05
Page 1 of 2
Integrated Circuit Systems Surface Acoustic Wave Products
TYPICAL PERFORMANCE
Horizontal: 4 MHz/div
Vertical (from top):
Magnitude
10
dB/div
Magnitude
1
dB/div
Phase Linearity
5
deg/div
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
426.00
MHz
Minimum Insertion Loss
22.0
dB
Lower 1 dB band Edge Point
423.56
MHz
Upper 1 dB Band Edge Point
428.44
MHz
Lower 3 dB Band Edge Point
423.31
MHz
Upper 3 dB Band Edge Point
428.69
MHz
Lower 40 dB Band edge Point
422.13
MHz
Upper 40 dB Band Edge Point
429.92
MHz
Rejection (417.5 to 421.5 MHz)
44
dB
Rejection (430.7 to 436 MHz)
44
dB
Rejection (100 to 417.5 MHz)
48
dB
Rejection (436 to 500 MHz)
48
dB
Passband Ripple (423.56 to 428.44 MHz)
1
dB
Phase Ripple (423.56 to 428.44 MHz)
7.5
deg p-p
Group Delay Variation (423.56 to 428.44 MHz)
4
130
ns p-p
Triple Transit Suppression
40
dB
Source and Load Impedance
50
Input Power
+10
dBm
Operating Temperature Range
10
23
70
C
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. Specifications apply over operating temperature with filter matched to 50 ohms.
3. All dB values are measured relative to the minimum insertion loss.
4. A smoothing aperture of 0.125 MHz is to be used for this measurement.
324 Clark Street, Worcester, MA 01606, USA Phone 508-852-5400 Fax 508-852-8456
www.icst.com
QF12/3


Similar Part No. - SF0426BA02365S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0426BA02365S SPECTRUM-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
More results

Similar Description - SF0426BA02365S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0426CN02357S ICST-SF0426CN02357S Datasheet
96Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
Rev X5
logo
Spectrum Microwave, Inc...
SF0426BA02365S SPECTRUM-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426BA02436S SPECTRUM-SF0426BA02436S Datasheet
176Kb / 3P
426 MHz SAW Filter 6.4 MHz Bandwidth
SF0426BA03153S SPECTRUM-SF0426BA03153S Datasheet
140Kb / 3P
426 MHz SAW Filter 9.2 MHz Bandwidth
SF0426BA12365S SPECTRUM-SF0426BA12365S Datasheet
176Kb / 3P
426 MHz SAW Filter 4.9 MHz Bandwidth
SF0426CN02357S SPECTRUM-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
logo
API Technologies Corp
SF0426BA02365S APITECH-SF0426BA02365S Datasheet
109Kb / 2P
426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
SF0426BA03153S APITECH-SF0426BA03153S Datasheet
140Kb / 3P
426 MHz SAW Filter 9.2 MHz Bandwidth
SF0426BA12365S APITECH-SF0426BA12365S Datasheet
176Kb / 3P
426 MHz SAW Filter 4.9 MHz Bandwidth
SF0426CN02357S APITECH-SF0426CN02357S Datasheet
101Kb / 2P
426 MHz SAW Bandpass Filter 5.16 MHz bandwidth
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com