Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4280 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SiP4280
Vishay Siliconix
www.vishay.com
2
Document Number: 73476
S–52468—Rev. B, 28-Nov-05
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage (VIN)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable Input Voltage (VON)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage (VOUT)
–0.3 V to VIN +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Switch Current (IMAX)
2.3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Pulsed Current (IDM)VIN w 2.5 V ..... 6 A
. . . . . . . . . . . . . . . . . . . .
VIN < 2.5 V ..... 3 A
. . . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
–40
_C to 150 _C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance (
qJA)a
140
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (PD)b
714 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.14 mW/
_C above TA = 25 _C
RECOMMENDED OPERATING RANGE (ALL VOLTAGES REFERENCED TO GND = 0 V)
VIN
1.8 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
–40
_C to 85 _C
. . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
p
VIN = 5 V, TA = –40 _C to 85 _C
Mina
Typb
Maxa
Units
SiP4280 All Versions
Operating Voltagec
VIN
1.8
–
5.5
V
Undervoltage Lockout
VUVLO
VIN Falling
1.0
1.4
1.8
V
Undervoltage Lockout Hysteresis
VUVLO(hyh)
–
250
–
mV
Quiescent Current
IQ
ON/OFF = active
–
2.5
4
mA
Off Supply Current
IQ(OFF)
ON/OFF = inactive, OUT = open
–
0.01
1
mA
Off Switch Current
ISD(OFF)
ON/OFF = inactive, VOUT = 0
–
0.01
1
mA
VIN = 5 V, TA = 25 _C
–
80
120
m
Ω
On Resistance
R
VIN = 4.2 V, TA = 25 _C
–
85
130
m
Ω
On–Resistance
RDS(on)
VIN = 3 V, TA = 25 _C
–
100
150
m
Ω
VIN = 1.8 V, TA = 25 _C
–
160
250
m
Ω
On–Resistance Temp–Coefficient
TCRDS
–
2800
–
ppm/
_C
ON/OFF Input Low Voltaged
VIL
VIN = 2.7 V to 5.5 V
–
–
0.8
V
ON/OFF Input High Voltage
V
VIN = 2.7 V to v 4.2 V
2
–
–
V
ON/OFF Input High Voltage
VIH
VIN = u4.2 V to 5.5 V
2.4
–
–
V
ON/OFF Input Leakage
ISINK
VON/OFF = 5.5 V
–
–
1
mA
SiP4280–1 Version
Output Turn–On Delay Time
TD(ON)
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
20
40
ms
Output Turn–On Rise Time
TON
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
1000
1500
ms
Output Turn–Off Delay Time
TD(OFF)
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
4
10
ms
SiP4280–3 Version
Output Turn–On Delay Time
TD(ON)
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
20
40
ms
Output Turn–On Rise Time
TON
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
100
150
ms
Output Turn–Off Delay Time
TD(OFF)
VIN = 5 V, RLOAD = 10Ω, TA = 25 _C
–
4
10
ms
Output Pull–Down Resistance
RPD
ON/OFF = inactive, TA = 25 _C
–
150
250
Ω
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
Part requires minimum start–up of VIN w 2.0 to ensure operation down to 1.8 V.
d.
For VIN v 2.7 V see typical ON/OFF threshold curve.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com