Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DR-1010-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47DR-1010-R
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DR-1010-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47DR-1010-R Datasheet HTML 1Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 2Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 3Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 4Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 5Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 6Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 7Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 8Page - M-System Co.,Ltd. 47DR-1010-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MODEL: 47DR
47DR SPECIFICATIONS
ES-9509 Rev.12 Page 2/12
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP66; applicable to the front of the
panel meter mounted according to the specified panel
cutout
Connection
Input, excitation supply, DC output, relay output,
network interface, power: M3 separable screw terminal
(torque 0.6 N·m)
Photo MOSFET relay, event trigger input: Euro Type
Connector Terminal
(applicable wire size: max. 1.3 dia., 0.5 – 1.25 mm2,
stripped length 7 - 8 mm)
BCD output: 50-pin connector
(Honda Tsushin Kogyo HDR-EC50LFDT1-SLE+)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
Isolation: Input or excitation supply to DC output to
HH output or H output to L output or LL output to network or
BCD output or event trigger input to power
Burnout: Upscale standard; downscale optional by
programming
Linearization: Standard
Infrared communication: Transmission distance max. 1
meter (for use with the COP-IRU)
Setting: (Front button)
• Input type
• Alarm setpoint
• Hysteresis (deadband)
• Averaging
• Burnout
• Others
(Refer to the instruction manual for details)
Sampling rate: 20 times/sec. (50 msec.)
Averaging: Simple average, moving average or no
averaging
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Main display: 5 digits (6 digits when parameter is setting),
LCD with LED backlight, 7-segment, 14.2 mm (.56) high
Color: Red or green changeable at alarm
Display range: -20000 to 99999
Decimal point position: 2 decimal places, 1 decimal place
or none
Zero indication: Higher-digit zeros are suppressed.
Sub display: 7 digits, LCD with LED backlight, 7-segment,
5.5 mm (.22) high
Color: Green
Over-range indication: ‘S.ERR’ (main display) and ‘UNDER’
or ‘OVER’ (sub display) blinking when the input signal is out
of the usable range.
Burnout indication: ‘B.ERR’ blinking
Bargraph
No. of LED segments: 20, displayed with divided by 10
Color: Amber
Alarm status indication
All setpoints can be set and indicated regardless of alarm
output options. Each is independently set either for Hi or Lo
alarm trip.
LL indicator: Turns on in red when the LL alarm is tripped.
L indicator: Turns on in red when the L alarm is tripped.
H indicator: Turns on in green when the H alarm is tripped.
HH indicator: Turns on in green when the HH alarm is
tripped.
P indicator: Turns on in amber when none of the other
alarms is tripped.
Status indicators: Max, Min
Display max./min. value, Amber LED turns on
Function indicators
Hld: Turns on in green when HOLD signal is ON
TG: Turns on in green when TIMING signal is ON
NG: Turns on in green when a parameter is invalid
Ini: Unused
Alm: Unused
°F: Turns on in green when temperature unit is set to °F
℃ : Turns on in green when temperature unit is set to ℃
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
EXCITATION SUPPLY
■ +12V SENSOR EXCITATION
Output voltage (across the terminals 5 – 6): 12 – 16 V DC
with no load
10.8 V DC minimum at 80 mA
Current rating: 84 mA DC maximum
• Shortcircuit Protection
Current limited: 97 mA maximum
Protected time duration: No limit
■ +24V TWO-WIRE TRANSMITTER EXCITATION
Output voltage (across the terminals 5 – 6): 24 – 28 V DC
with no load
22 V DC minimum at 20 mA
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com