Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DR-1110-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 47DR-1110-R
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DR-1110-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  47DR-1110-R Datasheet HTML 1Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 2Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 3Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 4Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 5Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 6Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 7Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 8Page - M-System Co.,Ltd. 47DR-1110-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MODEL: 47DR
47DR SPECIFICATIONS
ES-9509 Rev.12 Page 5/12
http://www.m-system.co.jp/
EXTERNAL VIEW
(7) Infrared Interface
(8) Max/Min Button
(10) Init/
Button
(11) Shift Button
(12) Up Button
(1) Main Display
(2) Sub Display
(5) Bargraph
(6) Function Indicators
(3) Status Indicators
(4) Alarm Indicators
(9) Alarm/
Button
Alarm/
Init/
Max/Min
Shift
Up
Max
Min
NG Ini Alm
TG
Hld
°F
°C
HH
H
P
L
LL
• COMPONENT IDENTIFICATION
No.
COMPONENT
FUNCTION
(1)
Main display
Indicates present values, setting values and status of the unit.
(2)
Sub display
Indicates the present setting mode.
(3)
Status indicators
Indicate Max/Min display mode.
(4)
Alarm indicators
Indicate alarm status of the input signal.
(5)
Bargraph
Indicates present signal level against the temperature range.
(6)
Function indicators
Indicate the device status.
(7)
Infrared interface
Used for the infrared communication.
(8)
Max/Min button
Used to switch the main display to show present values, maximum values or minimum values etc.
(9)
Alarm/
button
Used to confirm alarm setpoints and to move on to the alarm and other setting modes; or to shift
through setting items in each setting mode.
(10)
Init/
button
Used to move on to the initial and other setting modes; or to shift through setting items in each
setting mode.
(11)
Shift button
Used to move on to the setting standby status and shift through display digits in each setting item.
(12)
Up button
Used to change setting values.
Note: Refer to the operating manual for details on each function.
COMMUNICATION CABLE CONNECTIONS
R2K-1
T1
T2
T3
T4
47Dx
T1
T2
T3
T4
T1
T2
T3
T4
47Dx
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shield cables to all sections and ground them at single point.
*2
FG
RS-485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com