Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47DAC-200-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 47DAC-200-R
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DAC-200-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  47DAC-200-R Datasheet HTML 1Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 2Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 3Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 4Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 5Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 6Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 7Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 8Page - M-System Co.,Ltd. 47DAC-200-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MODEL: 47DAC
47DAC SPECIFICATIONS
ES-9518 Rev.4 Page 4/12
http://www.m-system.co.jp/
PASS: PASS zone output
L: L alarm trip output
LL: LL alarm trip output
INSTALLATION
Power consumption
•AC:
Approx. 8 VA at 100 V
Approx. 10 VA at 200 V
Approx. 12 VA at 264 V
•DC: 3.5 W max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE
Accuracy
Display: ±0.5 % ±10 digits with input 5 – 100 %
Output: ±0.1 %
(DC output = display + output)
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Input resolution: Max. 19 bits
Output resolution: Max. 14 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.5 sec. (DC output: 0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to DC output to HH output or H output to L output or
LL output to network or BCD output or event trigger input to
power to ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com