Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LR-100R-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47LR-100R-R
Description  Digital Panel Meters 47 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LR-100R-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47LR-100R-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LR-100R-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: 47LR
47LR SPECIFICATIONS
ES-9503 Rev.12 Page 2/7
https://www.m-system.co.jp/
programming
Linearization: Standard
Setting: (Front button)
• Input type
• Alarm setpoint
• Hysteresis (deadband)
• Moving average
• Others
(Refer to the instruction manual for details)
Sampling rate: 20 times/sec. (50 msec.)
Averaging: None or moving average
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Display: 16 mm (.63) high, 4 digits, 7-segment LED
Display range: -1999 to 9999
Minimum display/setting scale: 0.1°C or 1°F
Decimal point position: 10–1 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: ‘S.ERR’ and ‘Min’ or ‘Max’ blinking
when the input signal is out of the usable range.
Burnout indication: ‘B.ERR’ blinking
Alarm status indication
LL indicator: Green turns on when the LL alarm is tripped.
L indicator: Green turns on when the L alarm is tripped.
H indicator: Red turns on when the H alarm is tripped.
HH indicator: Red turns on when the HH alarm is tripped.
P indicator: Amber turns on when none of the other alarms
is tripped.
Note: Only ‘P’ turns on with no-alarm-output type. ‘LL’ or
‘HH’ does not turn on with dual-alarm-output type.
All setpoints can be independently set either for Hi or Lo
alarm trip.
Function indicators:
Ini, Alm, D/P, Adj, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ RTD: 3-wire RTDs
Maximum leadwire resistance: 10 Ω per wire
Sensing current: 1 mA
Default input type: Pt 100 (JIS '97, IEC)
Temperature Range
RTD
CONFORMANCE
USABLE
RANGE
RANGE
JPt 100 (JIS ’89)
°C
-200*1 to +500
-230*1 to +530
°F
-328 to +932
-382 to +986
Pt 100 (JIS ’89)
°C
-200*1 to +650
-230*1 to +680
°F
-328 to +1202
-382 to +1256
Pt 100
°C
-200*1 to +850
-230*1 to +880
(JIS ’97, IEC)
°F
-328 to +1562
-382 to +1616
Pt 50Ω (JIS ’81)
°C
-200*1 to +649
-230*1 to +679
°F
-328 to +1202
-382 to +1256
*1. -199.9 with ‘1 decimal place’ setting
OUTPUT SPECIFICATIONS
■ DC Output
• DC Current
Operational range: -5 – +105 %
• DC Voltage
Operational range: -5 – +105 %
■ Alarm Output: Relay contact
Rated load: 250 V AC @ 3 A (cos ø = 1)
30 V DC @ 3 A (resistive load)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 750 VA, 90 W (resistive load)
Minimum load: 5 V DC @ 10 mA
Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.)
INSTALLATION
Power consumption
•AC: Approx. 6.5VA
•DC: Approx. 3 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE
Accuracy
Display: ±1°C ±1 digit (±2°F ±1 digit)
Output: ±0.15 % (DC output = display + output)
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F) when the input
range is set to the maximum span.
Input resolution: Max. 16 bits
Output resolution: Max. 13 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.7 sec. (DC output: 0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com