Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1813FH-R18 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC1813FH-R18
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC1813FH-R18 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC1813FH-R18 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC1813FH
88
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC1813FH-R18
0.18
100KHZ
4.5m
14.00
11.2
SC1813FH-R33
0.33
100KHZ
5.2m
10.00
10.0
SC1813FH-R47
0.47
100KHZ
9.5 m
8.00
8.00
SC1813FH-R56
0.56
100KHZ
10m
7.70
7.00
SC1813FH-1R2
1.2
100KHZ
17m
5.30
4.50
SC1813FH-1R6
1.6
100KHZ
25m
4.50
4.20
SC1813FH-2R2
2.2
100KHZ
35m
3.50
3.80
SC1813FH-3R3
3.3
100KHZ
43m
3.00
3.30
SC1813FH-4R7
4.7
100KHZ
54m
2.60
2.70
SC1813FH-6R8
6.8
100KHZ
80m
2.20
2.20
SC1813FH-100
10
100KHZ
0.11
1.90
1.80
SC1813FH-150
15
100KHZ
0.17
1.50
1.40
SC1813FH-220
22
100KHZ
0.25
1.20
1.20
SC1813FH-330
33
100KHZ
0.35
0.90
0.92
SC1813FH-470
47
100KHZ
0.47
0.87
0.80
SC1813FH-680
68
100KHZ
0.73
0.67
0.66
SC1813FH-101
100
100KHZ
1.11
0.53
0.54
(1). Inductance tolerance for 0.18uH~1.6uH:
±30%, for 2.2uH~100uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
10
100
0. 01
100
1000
10000
10
BC1813FH I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
1
0. 1
101
4R7
R18
1000
BC1813FH Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
8000
12000
2000 4000 6000
14000
10000
16000
0
18000 20000
101
4R7
R18
SC1813FH Inductance decrease by current
DC current (mA)
DC current (mA)
SC1813FH Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com


Similar Part No. - SC1813FH-R18

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
SC1813EASY_170413EASY HUGO-MUELLER-SC1813EASY_170413EASY Datasheet
276Kb / 2P
DIGITAL ASTRO TIMERS
More results

Similar Description - SC1813FH-R18

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR6028 BEL-SCNR6028 Datasheet
691Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com