Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMS5D25 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCMS5D25
Description  SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCMS5D25 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCMS5D25 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCMS5D25
52
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction – Low EMI
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCMS5D25-R50
0.50
100KHZ
19m
4.9
5.60
SCMS5D25-R87
0.87
100KHZ
23m
3.6
5.00
SCMS5D25-1R2
1.2
100KHZ
26m
3.2
4.50
SCMS5D25-1R8
1.8
100KHZ
30m
2.5
3.60
SCMS5D25-2R2
2.2
100KHZ
34m
2.2
3.24
SCMS5D25-3R3
3.3
100KHZ
42m
1.8
2.46
SCMS5D25-4R7
4.7
100KHZ
56m
1.5
2.21
SCMS5D25-6R8
6.8
100KHZ
70m
1.25
1.98
SCMS5D25-8R2
8.2
100KHZ
90m
1.18
1.78
SCMS5D25-100
10
100KHZ
0.12
1.05
1.60
SCMS5D25-150
15
100KHZ
0.13
0.93
1.44
SCMS5D25-220
22
100KHZ
0.19
0.77
1.29
SCMS5D25-330
33
100KHZ
0.33
0.63
1.04
SCMS5D25-470
47
100KHZ
0.36
0.49
0.93
SCMS5D25-680
68
100KHZ
0.57
0.41
0.75
SCMS5D25-820
82
100KHZ
0.79
0.38
0.67
SCMS5D25-101
100
100KHZ
0.82
0.35
0.58
SCMS5D25-151
150
100KHZ
1.30
0.28
0.45
SCMS5D25-221
220
100KHZ
2.10
0.22
0.40
SCMS5D25-331
330
100KHZ
3.12
0.20
0.32
SCMS5D25-471
470
100KHZ
4.70
0.16
0.27
SCMS5D25-681
680
100KHZ
8.10
0.12
0.19
SCMS5D25-821
820
100KHZ
8.65
0.11
0.18
SCMS5D25-102
1000
100KHZ
9.72
0.10
0.17
(1).
Inductance tolerance for 0.5uH~8.2uH:
±30%, for 10uH~1000uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
MARKING
XXX
10
100
1000
10
100
1000
BCMS5D25 I nduct ance decr ease by cur r ent
10000
DC cur r ent ( mA)
1
0. 1
10000
1
102
330
R50
BCMS5D25 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000
102
330
R50
SCMS5D25 Inductance decrease by current
DC current (mA)
DC current (mA)
SCMS5D25 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCMS5D25

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SCMS22C255PRBA0 AVX-SCMS22C255PRBA0 Datasheet
831Kb / 12P
Series-Connected SuperCapacitor Modules
SCMS22D255PRBB0 AVX-SCMS22D255PRBB0 Datasheet
831Kb / 12P
Series-Connected SuperCapacitor Modules
logo
Bel Fuse Inc.
SCMS7D43AY BEL-SCMS7D43AY Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
SCMS7D43AY-100 BEL-SCMS7D43AY-100 Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
SCMS7D43AY-100 BEL-SCMS7D43AY-100 Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
More results

Similar Description - SCMS5D25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCMD4D10C BEL-SCMD4D10C Datasheet
779Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCMS7D43AY-4R7 BEL-SCMS7D43AY-4R7 Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
SCMS7D43AY BEL-SCMS7D43AY Datasheet
795Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction ??Low EMI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com