Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6014 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6014
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6014 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6014 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6014 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6014 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6014 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6014
No.8557-3/4
IT09758
5
3
2
100
10
7
IT09756
Ta=75
°C
--25
°C
IT09757
IC / IB=20
25
°C
3
1.0
2
3
Ta= --25°C
25°C
75°C
2
7
5
IC / IB=50
IT09759
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
7
100
1000
5
3
2
2
7
5
3
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.1
3
25
1.0
73
25
5
72
3
10
0.1
0.01
5
3
2
7
7
5
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
57 10
0.01
3
25
0.1
73
25 7
2
3
1.0
10
57
0.1
0.01
7
5
3
2
1.0
7
5
3
2
VCE=2V
IT09754
IT09755
IC / IB=50
Ta=75
°C
--25
°C
25°
C
VCE=10V
f=1MHz
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
IT00151
10
1.0
0.01
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
1.0
0.1
10
2
5
3
25
37
25
37
IT09777
1ms
10ms
100ms
DC
operation
10
µs
ICP=8A
IC=5A
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
PC -- Ta
A S O
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
Mounted
on
a ceramic
board
(250mm
2!
0.8mm)
Tc=25
°C
Single pulse
Mounted on a ceramic board (250mm2!0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com