Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6019 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6019
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6019 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6019 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6019 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6019 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6019 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6019
No.8342-3/4
VCE(sat) -- IC
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
hFE -- IC
f T -- IC
PC -- Ta
A S O
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
DC
Operation(T
a=25
°C)
1000
7
5
3
2
100
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
Ta=75
°C
--25
°C
25
°C
VCE=2V
IT09438
2
3
5
0.01
3
5
7
2
3
5
7
0.1
7
0.01
0.1
23
5
7
2
1.0
35
7
2
35
7 10
Ta=75
°C
--25
°C
IT09441
IC / IB=20
0.01
0.1
23
5
7
23
5
7 1.0
23
5
7 10
7
5
3
2
7
5
3
2
0.1
0.01
IT09442
Ta=75
°C
25
°C
--25
°C
IC / IB=50
1.0
0.01
0.1
10
Ta= --25°C
25°C
75°C
3
2
7
5
3
23
5
7
2
1.0
35
7
2
35
7
IC / IB=50
IT09443
7
5
3
2
10
100
0.1
23
5
7 1.0
23
5
7
10
23
IT09440
f=1MHz
7
3
100
2
5
1000
7
5
0.01
25
7
32
0.1
57
32
1.0
3
IT09439
VCE=10V
25
°C
0
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT09445
0.01
2
2
1.0
7
0.1
0.01
3
2
25
37
1.0
2
5
37
IT09444
1ms
No
heat
sink
ICP=10A
IC=7A
10
7
5
3
2
0.1
7
5
3
2
5
3
10
2
5
37
DC Operation
(Tc=25
°C)
10
µs
100ms
100
µs
10ms
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com