Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE2000-R2-SE0 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBE2000-R2-SE0
Description  Thru-beam sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE2000-R2-SE0 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBE2000-R2-SE0 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE2000-R2-SE0 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Thru-beam sensor
OBE2000-R2-SE0
Dimensions
Electrical connection emitter
Electrical connection receiver
Indicators/operating means
11.2
9.1
ø2.6
3.8
11.2
9.1
ø2.6
3.8
Transmitter
Receiver
BN
L+
L-
WH
BK
BU
n.c.
IN
BN
L+
L-
WH
BK
BU
Q
Teach
1 Operating display green
2 Signal display
yellow
3 Emitter long range
4 Emitter high precision
5 Receiver
Transmitter
Receiver
1
2
3
4
5
Model Number
OBE2000-R2-SE0
Thru-beam sensor
with 2 m fixed cable
Features
• Ultra-small housing design
• 45° cable outlet for maximum
mounting freedom under extremely
tight space constraints
• Improvement in machine availability
with abrasion-resistant, antistatic
glass front
• Extremely large detection range in
Long Range Mode
• Option of switching to high precision
mode for greater switching accuracy
Product information
The nano sensor has been developed for a
broad range of applications. It offers excellent
durability and is exceptionally easy to install.
The housing is compact and, with its 45°
cable outlet, can be installed in the smallest
spaces. New functional principles and func-
tionality open up a range of new options. The
abrasion-resistant lens allows long operating
times close to the moving object.


Similar Part No. - OBE2000-R2-SE0

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE2000-R2-SE0-P PF-OBE2000-R2-SE0-P Datasheet
1Mb / 7P
Thru-beam sensor (pair)
2023-03-28
OBE2000-R2-SE0-Y264206 PF-OBE2000-R2-SE0-Y264206 Datasheet
788Kb / 5P
Thru-beam sensor
More results

Similar Description - OBE2000-R2-SE0

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-18GM60-SE5 PF-OBE10M-18GM60-SE5 Datasheet
218Kb / 3P
Thru-beam sensor
OBE20M-R100-S2EP-IO-IR PF-OBE20M-R100-S2EP-IO-IR Datasheet
416Kb / 4P
Thru-beam sensor
OBE20M-R101-S2EP-IO-IR PF-OBE20M-R101-S2EP-IO-IR Datasheet
454Kb / 4P
Thru-beam sensor
OBE2000-R3-SE0 PF-OBE2000-R3-SE0 Datasheet
783Kb / 5P
Thru-beam sensor
OBE10M-18GM60-SE5-V1 PF-OBE10M-18GM60-SE5-V1 Datasheet
252Kb / 3P
Thru-beam sensor
OBE12M-R100-SEP-IO-V3 PF-OBE12M-R100-SEP-IO-V3 Datasheet
481Kb / 5P
Thru-beam sensor
OBE25M-R200-SEP-IO-V3 PF-OBE25M-R200-SEP-IO-V3 Datasheet
466Kb / 5P
Thru-beam sensor
OBE25M-R201-S2EP-IO-V31 PF-OBE25M-R201-S2EP-IO-V31 Datasheet
456Kb / 5P
Thru-beam sensor
OBE25M-R201-SEP-IO-V3 PF-OBE25M-R201-SEP-IO-V3 Datasheet
467Kb / 5P
Thru-beam sensor
OBE2000-R3-SE1-Y302635 PF-OBE2000-R3-SE1-Y302635 Datasheet
400Kb / 3P
Thru-beam sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com