Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS2 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # SDS2
Description  Capture cinematic Full HD and 4K UHD videos
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

SDS2 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  SDS2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd SDS2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CANVAS SELECT PLUS SD
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2020 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners.
US
Faster speeds — Class 10 UHS-I speeds up to 100MB/s.1
Capture in Full HD & 4K UHD video (1080p) — The
advanced UHS-I interface makes the card ideal for
cinema-quality full HD (1080p).
SPECIFICATIONS
FEATURES / BENEFITS
Multiple capacities — Up to 512GB2 to store all your
memorable photos and videos.
Durable — For your peace of mind, the card has been
extensively tested and proven to be waterproof, temperature
proof, shock and vibration proof and X-ray proof.3
Capacities2
32GB, 64GB, 128GB, 256GB, 512GB,
Performance1
100MB/s Read, UHS-I Speed Class, U1, V10 (32GB-64GB)
100/85MB/s Read/Write, UHS-I Speed Class, U3, V30 (128GB-512GB)
Dimensions
24mm x 32mm x 2.1mm
Format
FAT32 (32GB), exFAT (64GB-512GB)
Operating temperature
-25°C~85°C
Storage temperature
-40°C~85°C
Voltage
3.3V
Warranty/Support
Lifetime
MKD-406.2
1. Speed may vary due to host and device configuration.
2. Some of the listed capacity on a Flash storage device is used for formatting and other functions and thus is
not available for data storage. As such, the actual available capacity for data storage is less than what is listed
on the products. For more information, go to Kingston’s Flash Memory Guide at kingston.com/flashguide.
3. IEC/EN 60529 IPX7 certified for protection against continual water submersion up to 30 minutes at a depth up
to 1m. Withstands temperature range from -25 °C to 85 °C. Based on MIL-STD-883H, METHOD 2002.5 military
standard test method. Protected against X-ray exposure based on ISO7816-1 guidelines.
KINGSTON PART NUMBERS
Canvas Select Plus SD
SDS2/32GB
SDS2/64GB
SDS2/128GB
SDS2/256GB
SDS2/512GB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com