Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFS-U Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # WFS-U
Description  WORKFLOW STATION AND READERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

WFS-U Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  WFS-U Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd WFS-U Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WORKFLOW STATION AND READERS
Offload Files Quicker — Transfer video, photos, and
audio from multiple sources at once.1
Flexible Workflow System — Use only the hub and
readers that fit your setup.1
SPECIFICATIONS
FEATURES / BENEFITS
Portable Versatility — Use the card readers on-the-go
via their included USB-C cables.
Incredible Performance — Workflow Station products
support USB 3.2 speeds which get you to editing quicker.
Workflow Station (Dock and USB miniHub)
Interface
Dock: USB 3.2 Gen 2
USB miniHub: USB 3.2 Gen 1
Connector
Dock: USB-C
USB miniHub: USB-C
Supported USB Inputs
USB miniHub: USB-A, USB-C
Package Includes
Workflow Dock, USB miniHub, USB-C to USB-C cable, power adapter, 4 power
adapter country converters, and quick start guide
Dimensions
Dock: 160.27 x 70.27 x 55.77 mm
USB miniHub: 62.87x16.87x50mm
Weight
Dock: 292g
USB miniHub: 30g
Operating temperature
-0°C~60°C
Storage temperature
-25°C~85°C
Warranty/support
2-year warranty with free technical support
Compatible with
Windows® 10, 8.1, 8, Mac OS (v.10.10.x +)
Workflow SD Reader
Interface
USB 3.2 Gen 1
Connector
USB-C
Supported Cards
Supports UHS-II SD cards
Backwards-compatible with UHS-I SD cards
Dimensions
62.87x16.87x50mm
Weight
31g
Operating temperature
-0°C~60°C
Storage temperature
-25°C~85°C
Warranty/support
2-year warranty with free technical support
Compatible with
Windows® 10, 8.1, 8, Mac OS (v.10.10.x +)
Workflow microSD Reader
Interface
USB 3.2 Gen 1
Connector
USB-C
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2021 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners. MKD-431
Supported Cards
Supports UHS-II microSD cards
Backwards-compatible with UHS-I microSD cards
Dimensions
62.87x16.87x50mm
Weight
29g
Operating temperature
-0°C~60°C
Storage temperature
-25°C~85°C
Warranty/support
2-year warranty with free technical support
Compatible with
Windows® 10, 8.1, 8, Mac OS (v.10.10.x +)
USB Type-C® and USB-C® are registered trademarks of USB Implementers Forum.
1. Compatible with Kingston Workflow Products only. Workflow Station includes Dock and USB miniHub. SD/microSD
readers sold separately.
KINGSTON PART NUMBERS
Workflow
Station
Workflow SD
Reader
Workflow microSD
Reader
WFS-U
WFS-SD
WFS-SDC
COMPATIBILITY TABLE
Operating System
USB 2.0
USB 3.0/USB 3.1/USB 3.2
Windows® 10
√√
√√
Windows 8.1
√√
√√
Windows 8
√√
√√
Mac OS (v. 10.10.x +)
√√
√√



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com