Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN40GE Datasheet(PDF) 2 Page - Schneider Electric

Part # VCFN40GE
Description  TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCFN40GE Datasheet(HTML) 2 Page - Schneider Electric

  VCFN40GE Datasheet HTML 1Page - Schneider Electric VCFN40GE Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Handle front plate dimension
60 x 60 mm
Height
5.16 in (131 mm)
Width
3.25 in (82.5 mm)
Depth
4.17 in (106 mm)
Net Weight
1.13 lb(US) (0.512 kg)
Environment
Standards
IEC 60947-4-1
Protective treatment
TC
Mechanical robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient air temperature for operation
-4…122 °F (-20…50 °C)
Ordering and shipping details
Category
21730 - V VARIO SWITCH
Discount Schedule
CP1
GTIN
03389110897722
Nbr. of units in pkg.
1
Package weight(Lbs)
12.20 oz (345.9 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.46 in (8.8 cm)
Package 1 width
4.41 in (11.2 cm)
Package 1 Length
5.43 in (13.8 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com