Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN20GE Datasheet(PDF) 2 Page - Schneider Electric

Part # VCFN20GE
Description  TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCFN20GE Datasheet(HTML) 2 Page - Schneider Electric

  VCFN20GE Datasheet HTML 1Page - Schneider Electric VCFN20GE Datasheet HTML 2Page - Schneider Electric VCFN20GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Icw] rated short-time withstand Rms
current
140 A 400 V 1 s
Rated conditional short-circuit current
6 kA 400 V 20 A aM
6 kA 400 V 20 A gG
Breaking capacity
200 A 400 V AC-21A)
200 A 400 V AC-22A)
200 A 400 V AC-23A)
Mechanical durability
50000 cycles
Electrical durability
30000 cycles DC-1...5
50000 cycles AC-21
Suitability for isolation
Yes
Connections - terminals
Control circuit connector 0.01 in² (4 mm²) flexible with cable end
Control circuit connector 0.01 in² (4 mm²) solid
Tightening torque
Control circuit 6.20 lbf.in (0.7 N.m) connector
Fire resistance
1760 °F (960 °C) IEC 60595-2-1
Handle front plate dimension
60 x 60 mm
Height
5.16 in (131 mm)
Width
3.25 in (82.5 mm)
Depth
4.17 in (106 mm)
Net Weight
0.93 lb(US) (0.422 kg)
Environment
Standards
IEC 60947-4-1
Protective treatment
TC
Mechanical robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient air temperature for operation
-4…122 °F (-20…50 °C)
Ordering and shipping details
Category
21730 - V VARIO SWITCH
Discount Schedule
CP1
GTIN
03389110759990
Nbr. of units in pkg.
1
Package weight(Lbs)
10.72 oz (304 g)
Returnability
Yes
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.54 in (9 cm)
Package 1 width
5.51 in (14 cm)
Package 1 Length
4.33 in (11 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com