Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF3GE Datasheet(PDF) 1 Page - Schneider Electric

Part # VCF3GE
Description  TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF3GE Datasheet(HTML) 1 Page - Schneider Electric

  VCF3GE Datasheet HTML 1Page - Schneider Electric VCF3GE Datasheet HTML 2Page - Schneider Electric VCF3GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
VCF3GE
TeSys Vario enclosed, emergency switch
disconnector, 50A, IP65
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 345.00 USD
Main
Range
TeSys
Product name
TeSys VARIO
Device short name
VCF
Product or component type
Enclosed emergency stop switch disconnector
Performance level
High performance
Poles description
3P
Control type
Rotary handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC
[Uimp] rated impulse withstand voltage
8 kV
[Ithe] conventional enclosed thermal
current
50 A
[Ie] rated operational current
41.5 A AC-23A)400 V
Rated operational power in W
22 kW 400 V AC-23)
18.5 kW 400 V AC-3)
Intermittent duty class
30
Making capacity ( I rms)
630 A 400 V AC-21A
630 A 400 V AC-22A
630 A 400 V AC-23A
[Icm] rated short-circuit making
capacity
2.1 kA 400 V at Ipeak
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 12, 2021
1


Similar Part No. - VCF3GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF3GE SCHNEIDER-VCF3GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
VCF3GE SCHNEIDER-VCF3GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
More results

Similar Description - VCF3GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4GE SCHNEIDER-VCF4GE Datasheet
117Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF0GE SCHNEIDER-VCF0GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF1GE SCHNEIDER-VCF1GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jun 13, 2022
VCF3GE SCHNEIDER-VCF3GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com