Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LV-2A0YR-P Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 47LV-2A0YR-P
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LV-2A0YR-P Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  47LV-2A0YR-P Datasheet HTML 1Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 2Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 3Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 4Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 5Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 6Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 7Page - M-System Co.,Ltd. 47LV-2A0YR-P Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: 47LV
47LV SPECIFICATIONS
ES-9502 Rev.14 Page 6/8
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm
92
+ 0.8
– 0
min. 120
Panel thickness: 1.6 to 8.0 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com