Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LV-3A0YR-P Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47LV-3A0YR-P
Description  Digital Panel Meters 47 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LV-3A0YR-P Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47LV-3A0YR-P Datasheet HTML 1Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 2Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 3Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 4Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 5Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 6Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 7Page - M-System Co.,Ltd. 47LV-3A0YR-P Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 47LV
47LV SPECIFICATIONS
ES-9502 Rev.14 Page 2/8
https://www.m-system.co.jp/
steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to DC output to HH output or H output to
L output or LL output to power
Setting: (Front button)
• Scaled range
• Input type
• Alarm setpoint
• Hysteresis (deadband)
• Moving average
• Others
(Refer to the instruction manual for details)
Read rate: 40 times/sec. (25 msec.)
Averaging: None or moving average
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Display: 16 mm (.63) high, 4 ½ digits, 7-segment LED
Display range: -19999 to 19999
Decimal point position: 10–1, 10–2, 10–3, 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: ‘-19999’ or ‘19999’ blinking for
display values out of the display range.
‘S.ERR’ and ‘Min’ or ‘Max’ blinking when the input signal is
out of the usable range.
Alarm status indication
LL indicator: Green LED turns on when the LL alarm is
tripped.
L indicator: Green LED turns on when the L alarm is
tripped.
H indicator: Red LED turns on when the H alarm is tripped.
HH indicator: Red LED turns on when the HH alarm is
tripped.
P indicator: Amber LED turns on when none of the other
alarms is tripped.
Only ‘P’ turns on with no-alarm-output type. ‘LL’ or ‘HH’
does not turn on with dual-alarm-output type.
All setpoints can be independently set either for Hi or Lo
alarm trip.
Function indicators:
Zro, Spn, D/P, Tch, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
INPUT SPECIFICATIONS
Default setting
Input code 1: Measuring range ±10 V
Input code 2: Measuring range ±1 V
Input code 3: Measuring range ±200 V
Input code 4: Measuring range ±100 μA
Input code 5: Measuring range ±2 A
Input code 6: Measuring range ±700 V
Overload capacity
Input code 5: ±3 A for 10 sec., ±2.4 A continuous
Input code 6: ±1000 V for 10 sec., ±840 V continuous
■ INPUT CODE: 1
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
V10
±10 V
-11 – +11 V
≥ 1 MΩ
V5
±5 V
-5.5 – +5.5 V
≥ 1 MΩ
V0-5
0 – 5 V
-0.3 – +5.3 V
≥ 1 MΩ
V1-5
1 – 5 V
0.7 – 5.3 V
≥ 1 MΩ
A0-2
0 – 20 mA
-2 – +22 mA
approx. 10 Ω
A4-2
4 – 20 mA
2 – 22 mA
approx. 10 Ω
■ INPUT CODE: 2
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
V1
±1 V
-1.1 – +1.1 V
≥ 1 MΩ
V01
±100 mV
-110 – +110 mV
≥ 1 MΩ
V001
±10 mV
-11 – +11 mV
≥ 1 MΩ
A1
±1 mA
-1.1 – +1.1 mA
approx. 100 Ω
■ INPUT CODE: 3
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
V200
±200 V
-220 – +220 V
≥ 1 MΩ
A100
±100 mA
-110 – +110 mA
approx. 10 Ω
■ INPUT CODE: 4
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
A01
±100 μA
-110 – +110 μA
approx. 1 kΩ
■ INPUT CODE: 5
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
A2-2
±2 A
-2.2 – +2.2 A
approx. 0.1 Ω
A1-1
±1 A
-1.1 – +1.1 A
approx. 0.1 Ω
■ INPUT CODE: 6
TYPE
IND
MEASURING
RANGE
OPERATIONAL
RANGE
INPUT
IMPEDANCE
V700
±700 V
-770 – +770 V
≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ DC Output
• DC Current
Operational range: -5 – +105 %
• DC Voltage
Operational range: -5 – +105 %
■ Alarm Output: Relay contact



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com