Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CBA
Description  Thin Film Binary MOS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CBA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CBA Datasheet HTML 1Page - M-System Co.,Ltd. CBA Datasheet HTML 2Page - M-System Co.,Ltd. CBA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CBA
www.vishay.com
Vishay Electro-Films
Revision: 02-May-13
1
Document Number: 61041
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Binary MOS Capacitors
Product may not be to scale
The CBA MOS capacitor chips each contain four different
capacitors in binary increments allowing the user many
choices in value selection. Two versions of CBA capacitors
are available: one with a total capacitance of 3.75 pF and
one with a total capacitance of 15 pF.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The CBAs are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• User value selection
• Four capacitors with common connection
• Capacitance range: 0.25 pF to 15 pF in binary
increments
• Dielectric: Silicon dioxide
• Chip size: 0.019" x 0.030"
• Substrate: Silicon with gold backing
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI CBA binary MOS multi-value capacitor chips are
designed for hybrid packages in which microwave circuits
are to be trimmed. This is done on the CBA chips by
selecting the bonding pad for the required capacitance and
wire-bonding by conventional techniques.
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
CBA 3.75 pF
CBA 15 pF
UNIT
Case Size
0203
0203
Total Capacitance
3.75
15
pF
Capacitance Values
0.25, 0.50, 1.0, 2.0
1.0, 2.0, 4.0, 8.0
pF
Tolerance
± 25
± 10
%
DC Working Voltage
100
30
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range
0.25 to 15
pF
Maximum Working Voltage
100
V
Peak Voltage at + 25 °C
1.5 x working voltage
Dissipation Factor, 1 kHz, 1 VRMS, + 25 °C
0.1 max. MOS
%
Q at 1 mHz, 50 mVRMS, + 25 °C
1000 min.
TCC, - 55 °C to + 150 °C
+ 15 ± 25
ppm/°C
Insulation Resistance at Working Voltage, + 25 °C
109 min.
Operating Temperature Range
- 55 to + 150
°C
Thermal Shock
± 0.25 + 0.25 pF max.
C/C
%
Moisture Resistance, MIL-STD-202, Method 106
± 1.0 + 0.25 pF max.
C/C
%
Short Time Overload, + 25 °C, 5 s; 1.5 x Working Voltage
± 0.25 + 0.25 pF max.
C/C
%
High Temperature Exposure: 100 h at + 150 °C Ambient
± 0.25 + 0.25 pF max.
%
Life, MIL-STD-202, Method 108,
Condition D, + 125 °C Ambient, 1000 h at Working Voltage
± 2.0 + 0.25 pF max.
C/C
%


Similar Part No. - CBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBA VISHAY-CBA Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
logo
Automatic Timing & Cont...
CBA ATC-CBA Datasheet
152Kb / 1P
AC Current Band Monitor
CBA-120-ALE-1 ATC-CBA-120-ALE-1 Datasheet
152Kb / 1P
AC Current Band Monitor
CBA-120-ALE-10 ATC-CBA-120-ALE-10 Datasheet
152Kb / 1P
AC Current Band Monitor
More results

Similar Description - CBA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
Thin Film Binary MOS Capacitors
08-Mar-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com