Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDR40 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDR40
Description  SPECIAL CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDR40 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDR40 Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HDR40
P.  / 
ES-5624
SPECIAL CABLE
MODEL
HDR40
Specifications are subject to change without notice.
MODEL & SUFFIX CODE SELECTION
HDR40–❑
MODEL
CABLE LENGTH
05
: 50cm,withconnectorsatbothends
20
: 2meters,withconnectorsatbothends
ORDERING INFORMATION
Specifycodenumber.(e.g.HDR40-20)
EXTERNAL DIMENSIONS & CONNECTOR PIN ASSIGNMENTS unit: mm (inch)
RELATED PRODUCTS
•Connectorterminalblock(model:CNT)
•Digitalpanelmeter(model:47DSeries)
GENERAL SPECIFICATIONS
Connector A
Connector type
:HDR-E50MAG1
Cover type
:HDR-E50LPA5
Connector B
Connector type
:FCN-361J040-AU
Cover type
:FCN-360C040-B
Cable
:
40cores,shielded
Max. permissible current
:0.2Aperwire
Dielectric strength
:250VAC@1minute
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
16A
17A
18A
19A
20A
21A
22A
23A
24A
25A
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
16B
17B
18B
19B
20B
21B
22B
23B
24B
25B
NC
9A
17B
16B
15B
14B
13B
11B
10B
8B
10A
20A
9B
NC
20B
18B
12B
4B
3B
2B
1B
18A
17A
16A
15A
14A
NC
13A
NC
12A
NC
11A
NC
8A
NC
7A
NC
6A
NC
5A
19B
4A
7B
3A
6B
2A
5B
1A
19A
NC
14 (.55)
8 (.31)
47 (1.85)
38 (1.50)
L
Connector A
Connector B
A
25
B
25
A
1
B
1
B
1
A
1
B
20
A
20
■
PIN ASSIGNMENTS
Connector A
Connector B
■
WIRING DIAGRAM
Connector A
Connector B
L
HDR40-05
50 cm
(19.7 in)
HDR40-20
2 meters
(6.6 ft)


Similar Part No. - HDR40

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDR4073M2S6 SHOULDER-HDR4073M2S6 Datasheet
214Kb / 8P
This specification shall cover the characteristics of 1-port SAW resonator with R407.3M2 used for remote-control security.
More results

Similar Description - HDR40

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX93000 MCNIX-MX93000 Datasheet
180Kb / 24P
Special Codec
logo
Willow Technologies Ltd
FHR4-2036D WILLOW-FHR4-2036D Datasheet
313Kb / 2P
Special Resistors
FHR4-2820H WILLOW-FHR4-2820H Datasheet
359Kb / 2P
Special Resistors
FHR4-4026H WILLOW-FHR4-4026H Datasheet
323Kb / 2P
Special Resistors
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
logo
PHOENIX CONTACT
RF-Z0007 PHOENIX-RF-Z0007 Datasheet
49Kb / 1P
Special wrench
logo
M-System Co.,Ltd.
CLSA08C MSYSTEM-CLSA08C Datasheet
62Kb / 1P
SPECIAL CABLE
CLSCN MSYSTEM-CLSCN Datasheet
63Kb / 1P
SPECIAL CABLE
DCN3 MSYSTEM-DCN3 Datasheet
77Kb / 2P
SPECIAL CABLE
DCN9 MSYSTEM-DCN9 Datasheet
78Kb / 2P
SPECIAL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com